Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC44BS374T1AD-R2 Datasheet(PDF) 16 Page - Freescale Semiconductor, Inc

Part # MC44BS374T1AD-R2
Description  PLL Tuned UHF and VHF Audio/Video High Integration Modulator
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC44BS374T1AD-R2 Datasheet(HTML) 16 Page - Freescale Semiconductor, Inc

Back Button MC44BS374T1AD-R2 Datasheet HTML 12Page - Freescale Semiconductor, Inc MC44BS374T1AD-R2 Datasheet HTML 13Page - Freescale Semiconductor, Inc MC44BS374T1AD-R2 Datasheet HTML 14Page - Freescale Semiconductor, Inc MC44BS374T1AD-R2 Datasheet HTML 15Page - Freescale Semiconductor, Inc MC44BS374T1AD-R2 Datasheet HTML 16Page - Freescale Semiconductor, Inc MC44BS374T1AD-R2 Datasheet HTML 17Page - Freescale Semiconductor, Inc MC44BS374T1AD-R2 Datasheet HTML 18Page - Freescale Semiconductor, Inc MC44BS374T1AD-R2 Datasheet HTML 19Page - Freescale Semiconductor, Inc MC44BS374T1AD-R2 Datasheet HTML 20Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 34 page
background image
MC44BS374T1/374T1A Advance Information
Characterization Measurement Conditions
Table 7. Measurement Conditions
Device and Signals Set-up
Measurement Set-up
TVOUT output level
Video: 10 steps grey scale
No audio
Measured picture carrier in dBuV with the HP8596E Spectrum
Analyzer using a 75 to 50 ohm transformation, all cables losses and
transformation pads having been calibrated.
Measurement used as a reference for other tests: TVout_Ref
TVOUT output attenuation
ATT” bit = 1
No Video signal
No Audio signal
Measure in dBc picture carrier at ATT=1 with reference to picture
carrier at ATT=0
Sound Subcarrier Harmonics
Video: 10 steps grey scale
No Audio signal
Measure in dBc second and third sound harmonics levels in reference
to picture carrier (TVout_Ref).
Second Harmonics of Chroma subcarrier
No audio
Video: a 700m Vpp 100 kHz sinusoidal
signal is inserted on the black level of
active video area.
Measure in dBc, in reference to picture carrier (TVout_Ref), second
harmonic of chroma at channel frequency plus 2 times chroma
frequency, resulting in the following spectrum.
Picture carrier
Sound carrier
Sound
+5.5MHz
Fo
+11MHz +16.5MHz
2nd harm
Sound
3rd harm
700mV pk-pk
Frequency
100kHz
Frequency
100Khz
700mVpkpk
Picture carrier
Sound
Chroma 2nd
+8.86MHz
Fo
+4.43MHz +5.5MHz
Harmonic
carrier
Chroma
carrier
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com