Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDB5534U Datasheet(PDF) 9 Page - Cirrus Logic

Part # CDB5534U
Description  Evaluation Board and Software
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CDB5534U Datasheet(HTML) 9 Page - Cirrus Logic

Back Button CDB5534U Datasheet HTML 5Page - Cirrus Logic CDB5534U Datasheet HTML 6Page - Cirrus Logic CDB5534U Datasheet HTML 7Page - Cirrus Logic CDB5534U Datasheet HTML 8Page - Cirrus Logic CDB5534U Datasheet HTML 9Page - Cirrus Logic CDB5534U Datasheet HTML 10Page - Cirrus Logic CDB5534U Datasheet HTML 11Page - Cirrus Logic CDB5534U Datasheet HTML 12Page - Cirrus Logic CDB5534U Datasheet HTML 13Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
CDB5534U
DS289DB6
9
2. SOFTWARE
The evaluation board comes with software and a USB cable to link the evaluation board to the PC. The
software is designed to run under Windows® 2000 or later.
2.1
Installation Procedure
2.1.1
CDB5530U GUI Software Installation Instructions
1. Ensure the CDB5534U USB cable is disconnected from the PC.
2. Open GUI software installation folder CDB553x_cvidistkit.Eval5534U
Volume1.
3. Run SETUP.EXE by double clicking on the filename.
4. Select Next, I Accept License Agreement, Next, Next, Finish.
2.1.2
Installing the USB Drivers
1. Apply power to the CDB5534U. Press and release the Reset switch, S1.
2. Use the included USB cable to connect the CDB5534U to the PC. The PC operating system should
automatically launch the Found New Hardware wizard.
3. From the installation wizard, select Install from a list or specific location (Advanced). Select Search
for the best driver in these locations.
4. Select Include this location in the search.
5. Click the Browse... button.
6. Go to folder C:/Program Files/Eval5534U/Driver and click OK.
7. Press the Next button.
8. A Hardware Installation dialog will appear. Press Continue Anyway.
9. Select Browse... and go to folder C:/Program Files/Eval5534U/Driver. Press Open.
10. A Files Needed dialog will appear. Press OK.
11. The Found New Hardware wizard will appear. Press the Finish button.
2.1.3
Running the GUI
Run the program by selecting Start
All Programs
Eval5534U
Eval5534_U.
2.2
Using the Software
Before launching the evaluation program, the user should set up the CDB5534U evaluation board, select
the proper jumper settings as described in Section 1, ensure the board is connected to an open USB port
on the PC, and apply power to the board.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com