Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDB5534U Datasheet(PDF) 3 Page - Cirrus Logic

Part # CDB5534U
Description  Evaluation Board and Software
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CDB5534U Datasheet(HTML) 3 Page - Cirrus Logic

  CDB5534U Datasheet HTML 1Page - Cirrus Logic CDB5534U Datasheet HTML 2Page - Cirrus Logic CDB5534U Datasheet HTML 3Page - Cirrus Logic CDB5534U Datasheet HTML 4Page - Cirrus Logic CDB5534U Datasheet HTML 5Page - Cirrus Logic CDB5534U Datasheet HTML 6Page - Cirrus Logic CDB5534U Datasheet HTML 7Page - Cirrus Logic CDB5534U Datasheet HTML 8Page - Cirrus Logic CDB5534U Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
CDB5534U
DS289DB6
3
1. HARDWARE
1.1
Introduction
The CDB5534U evaluation board provides a quick means of evaluating the CS5534 Analog-to-Digital
Converter (ADC). The CS5534 is a highly integrated
∆Σ ADC which uses charge-balance techniques to
achieve 24-bit performance. The CS5534 includes a very low noise chopper-stabilized instrumentation
amplifier (6 nV/sqrt(Hz) @ 0.1 Hz) with selectable gains of 1×, 2×, 4×, 8×, 16×, 32×, and 64×. This ADC
also includes a fourth order
∆Σ modulator followed by a digital filter which provides twenty selectable out-
put word rates of 6.25 Hz, 7.5 Hz, 12.5 Hz, 15 Hz, 25 Hz, 30 Hz, 50 Hz, 60 Hz, 100 Hz, 120 Hz, 200 Hz,
240 Hz, 400 Hz, 480 Hz, 800 Hz, 960 Hz, 1.6 kHz, 1.92 kHz, 3.2 kHz and 3.84 kHz (XIN = 4.9152 MHz).
The CDB5534U is shipped with a CS5534 device soldered at U2. However, the CS5531, CS5532, or
CS5533 can be soldered in this same location. The CDB5534U software supports all four devices.
1.2
Evaluation Board Overview
The CDB5534U evaluation board is partitioned into two main sections: analog and digital. The analog sec-
tion consists of the CS5534 and a precision voltage reference. The digital section consists of the micro-
controller, the reset circuitry, and the USB interface. The board also has power supply connections which
accommodate all of the various supply options of the CS5534.
The evaluation board’s analog section operates from either a single +5 V, dual ±2.5 V, or dual ±3 V power
supply. The evaluation board interfaces the CS5534 to an IBM® compatible PC with a USB interface. To
accomplish this, the board comes equipped with a microcontroller and a USB cable which physically in-
terfaces the evaluation board to the PC. The software provides easy access to the internal registers of the
CS5534, and provides a means to display and evaluate the performance of the ADC in the time domain
or the frequency domain.
1.2.1
Analog Section
The CS5534 is a high precision
∆Σ converter designed to accurately measure up to four fully-differential
analog voltage inputs while operating from a 4.9152 MHz crystal.
The evaluation board provides separate screw terminals to connect signals to each of the four input chan-
nels. The input screw terminals are labeled as AIN1 through AIN4, which correspond to physical input
channels 1 through 4 respectively. A simple RC network on each channel filters the sensor’s output to
reduce any interference picked up by the input leads. The 3 dB corner of the filter is approximately 52 kHz
differential and 56 kHz common mode. Figure 1 illustrates the schematic of the analog section.
The evaluation board provides three voltage reference options for VREF+ and VREF-. The three refer-
ence options for VREF+ include: VA+, the on-board LT1019 voltage reference, and external input (J12).
Table 1 illustrates the options available. With the J17 jumper in position VA+, the reference is supplied by
the VA+ analog supply. With the J17 jumper in position LT1019, the LT1019 provides a +2.5 V reference
(the LT1019 was chosen for its low drift, typically 5ppm/°C). By setting the J17 jumper to position VREF+,
the user can supply an external voltage reference to J12’s VREF+ input.
The three reference options for VREF- include: VA-, GND, and external input (J12). Table 2 illustrates the
options available. With the J18 jumper in position VA-, the reference is supplied by the VA- analog supply.
With the J18 jumper in position GND, the VREF- pin is connected to the board ground. By setting the J18
jumper to position VREF-, the user can supply an external voltage reference to J12’s VREF- input.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com