Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDB5534U Datasheet(PDF) 4 Page - Cirrus Logic

Part # CDB5534U
Description  Evaluation Board and Software
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CDB5534U Datasheet(HTML) 4 Page - Cirrus Logic

  CDB5534U Datasheet HTML 1Page - Cirrus Logic CDB5534U Datasheet HTML 2Page - Cirrus Logic CDB5534U Datasheet HTML 3Page - Cirrus Logic CDB5534U Datasheet HTML 4Page - Cirrus Logic CDB5534U Datasheet HTML 5Page - Cirrus Logic CDB5534U Datasheet HTML 6Page - Cirrus Logic CDB5534U Datasheet HTML 7Page - Cirrus Logic CDB5534U Datasheet HTML 8Page - Cirrus Logic CDB5534U Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
CDB5534U
4
DS289DB6
Table 1. Voltage Reference Selection for VREF+
Table 2. Voltage Reference Selection for VREF-
1.2.2
Digital Section
Figure 2 illustrates the schematic of the digital section. It contains the microcontroller, USB interface, EE-
PROM, JTAG header, reset circuitry, and an external interface header. The microcontroller interfaces the
SPI™ and MICROWIRE™ compatible serial port of the CS5534 with the USB connection to the PC. Note
that the SCLK and SDI signals are level shifted to support both +3.3 V and +5 V digital operation.
The microcontroller EEPROM is used to store firmware. An external interface header, J19, is provided to
allow the CDB5534U to be interfaced with an external microcontroller. To use this serial interface, the
0 ohm resistors R9, R10, R23, and R27 should be removed to disconnect the on-board microcontroller
from the serial interface.
1.2.3
Power Supply Section
Figure 3 illustrates the power supply connections to the evaluation board. VA+ supplies the positive ana-
log supply for the CS5534 and the LT1019 reference. Header J14 allows the VA+ supply to be sourced
from either the VA+ binding post (J2), or from the +5 V binding post (J3). VA- supplies the negative analog
supply for the analog section. Header J13 allows the VA- supply to be sourced from either the VA- binding
post (J1), or connected to the board ground. Note that the VA- supply should be connected to ground
when powering the CDB5534U from a single +5 V analog supply. VD+ supplies the digital section of the
ADC and level shifters. Header J15 allows the VD+ supply to be sourced from the VD+ binding post (J5),
Reference
Description
J17
VA+
Selects Positive
Analog Power
Supply
LT1019
Selects on-Board
LT1019 Reference
(5ppm/
°C)
VREF+
Selects External
Reference Source
(J12)
Reference
Description
J18
VA-
Selects Negative
Analog Power
Supply
GND
Selects Board
Gnd
VREF-
Selects External
Reference Source
(J12)
O
O VREF+
O
O VREF+
O
O VREF+
VA+
LT1019
REF+
O
O VREF+
O
O VREF+
O
O VREF+
VA+
LT1019
REF+
O
O VREF+
O
O VREF+
O
O VREF+
VA+
LT1019
REF+
O
O VREF-
O
O VREF-
O
O VREF-
VA-
GND
REF-
O
O VREF-
O
O VREF-
O
O VREF-
VA-
GND
REF-
O
O VREF-
O
O VREF-
O
O VREF-
VA-
GND
REF-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com