Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDB5534U Datasheet(PDF) 14 Page - Cirrus Logic

Part # CDB5534U
Description  Evaluation Board and Software
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CDB5534U Datasheet(HTML) 14 Page - Cirrus Logic

Back Button CDB5534U Datasheet HTML 10Page - Cirrus Logic CDB5534U Datasheet HTML 11Page - Cirrus Logic CDB5534U Datasheet HTML 12Page - Cirrus Logic CDB5534U Datasheet HTML 13Page - Cirrus Logic CDB5534U Datasheet HTML 14Page - Cirrus Logic CDB5534U Datasheet HTML 15Page - Cirrus Logic CDB5534U Datasheet HTML 16Page - Cirrus Logic CDB5534U Datasheet HTML 17Page - Cirrus Logic CDB5534U Datasheet HTML 18Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 22 page
background image
CDB5534U
14
DS289DB6
2.2.3
Data Collection Window
The Data Collection Window (Figure 8) allows the user to collect sample sets of data from the CS5534
and analyze them using time domain, FFT, and histogram plots. The Data Collection Window is accessi-
ble through the Window option, or by pressing F3.
Figure 8. CDB5534U Data Collection Window
Time Domain / FFT / Histogram Selector: This menu selects the type of data processing to perform on
the collected data and display in the plot area. Refer to the section on Analyzing Data for more information.
Collect Button: This button will collect data from the part, to be analyzed in the plot area. See the section
on Collecting Data Sets for more information.
Config Button: This button will bring up the configuration window, in which the user can modify the data
collection specifications. See the discussion of the Config Window in this document.
Output Button: This button will bring up a window in which the user can output the data to a data file for
later use, print out a plot, or print out the entire screen.
Zoom Button: This button allows the user to zoom in on the plot by selecting two points in the plot area.
Press the Restore button to return to the normal data plot, or press the Zoom button again to zoom in even
further.
Setup Select Box: This box determines the setup number to use when performing conversions. See the
CS5534 datasheet for more details on the functionality of the Channel Setup Registers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com