Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDB5534U Datasheet(PDF) 1 Page - Cirrus Logic

Part # CDB5534U
Description  Evaluation Board and Software
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CDB5534U Datasheet(HTML) 1 Page - Cirrus Logic

  CDB5534U Datasheet HTML 1Page - Cirrus Logic CDB5534U Datasheet HTML 2Page - Cirrus Logic CDB5534U Datasheet HTML 3Page - Cirrus Logic CDB5534U Datasheet HTML 4Page - Cirrus Logic CDB5534U Datasheet HTML 5Page - Cirrus Logic CDB5534U Datasheet HTML 6Page - Cirrus Logic CDB5534U Datasheet HTML 7Page - Cirrus Logic CDB5534U Datasheet HTML 8Page - Cirrus Logic CDB5534U Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
Copyright
© Cirrus Logic, Inc. 2006
(All Rights Reserved)
http://www.cirrus.com
AIN1+
AIN1-
AIN2+
AIN2-
CRYSTAL
4.9152 MHz
CS5534
A1
A0
SCLK
SDO
SDI
CS
C8051F320
Microcontroller
RESET
CIRCUITRY
Interface Header
AIN1+
AIN1-
AIN2+
AIN2-
AIN3+
AIN3-
AIN3+
AIN3-
AIN4+
AIN4-
AIN4+
AIN4-
VREF-
VREF+
VREF
Source
Select
LT1019
VREF+
VREF-
VD+
VA-
VA+
GND
+5 V
USB
CONNECTOR
CDB5534U
CDB5534U Evaluation Board and Software
Features
USB Communication with PC
On-board Microcontroller
On-board Voltage Reference
Evaluation Software
– Register Setup & Chip Control
– FFT Analysis
– Time Domain Analysis
– Noise Histogram Analysis
Interface Header for External Microcontroller
General Description
The CDB5534U is an inexpensive tool designed to eval-
uate the functionality and performance of the CS5534.
The CS5534 datasheet should be read and consulted
when using the CDB5534U evaluation board.
The evaluation board includes a C8051F320 microcon-
troller with a USB interface. The microcontroller controls
the serial communication between the evaluation board
and the PC via the firmware, enabling quick and easy ac-
cess to all of the CS5534’s registers and functions.
The CDB5534U includes software for Data Capture,
Time Domain Analysis, Histogram Analysis, and Fre-
quency Domain Analysis.
ORDERING INFORMATION
CDB5534U
Evaluation Board
NOV ‘06
DS289DB6


Similar Part No. - CDB5534U

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CDB5530U CIRRUS-CDB5530U Datasheet
760Kb / 20P
Evaluation Board and Software
CDB5532U CIRRUS-CDB5532U Datasheet
818Kb / 22P
CDB5532U Evaluation Board and Software
More results

Similar Description - CDB5534U

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CDB5530U CIRRUS-CDB5530U Datasheet
760Kb / 20P
Evaluation Board and Software
CDB5451A CIRRUS-CDB5451A Datasheet
1Mb / 24P
Evaluation Board and Software
CDB5460A CIRRUS-CDB5460A Datasheet
1Mb / 28P
Evaluation Board and Software
CDB5461 CIRRUS-CDB5461 Datasheet
1Mb / 27P
Evaluation Board and Software
CDB5471 CIRRUS-CDB5471 Datasheet
1Mb / 26P
Evaluation Board and Software
CDB5510 CIRRUS-CDB5510 Datasheet
2Mb / 22P
Evaluation Board and Software
CDB5521 CIRRUS-CDB5521 Datasheet
1Mb / 28P
Evaluation Board and Software
CDB5550 CIRRUS-CDB5550 Datasheet
796Kb / 23P
Evaluation Board and Software
logo
Texas Instruments
TMP104EVM TI1-TMP104EVM Datasheet
2Mb / 25P
TMP104EVM Evaluation Board and Software Tutorial
logo
Cirrus Logic
CDB5532U CIRRUS-CDB5532U Datasheet
818Kb / 22P
CDB5532U Evaluation Board and Software
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com