Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDB5534U Datasheet(PDF) 17 Page - Cirrus Logic

Part # CDB5534U
Description  Evaluation Board and Software
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CDB5534U Datasheet(HTML) 17 Page - Cirrus Logic

Back Button CDB5534U Datasheet HTML 13Page - Cirrus Logic CDB5534U Datasheet HTML 14Page - Cirrus Logic CDB5534U Datasheet HTML 15Page - Cirrus Logic CDB5534U Datasheet HTML 16Page - Cirrus Logic CDB5534U Datasheet HTML 17Page - Cirrus Logic CDB5534U Datasheet HTML 18Page - Cirrus Logic CDB5534U Datasheet HTML 19Page - Cirrus Logic CDB5534U Datasheet HTML 20Page - Cirrus Logic CDB5534U Datasheet HTML 21Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 22 page
background image
CDB5534U
DS289DB6
17
2.7
Histogram Information
The following is a description of the indicators associated with Histogram Analysis. Histograms can be plot-
ted in the Data Collection Window by setting the Time Domain / FFT / Histogram selector to Histogram.
BIN: Displays the x-axis value of the cursor on the Histogram.
MAGNITUDE: Displays the y-axis value of the cursor on the Histogram.
MAXIMUM: Indicator for the maximum value of the collected data set.
MEAN: Indicator for the average of the data sample set.
MINIMUM: Indicator for the minimum value of the collected data set.
STD. DEV.: Indicator for the Standard Deviation of the collected data set.
VARIANCE: Indicates the Variance for the current data set.
2.8
Frequency Domain Information
The following describe the indicators associated with FFT (Fast Fourier Transform) Analysis. FFT data
can be plotted in the Data Collection Window by setting the Time Domain / FFT / Histogram selector to FFT.
FREQUENCY: Displays the x-axis value of the cursor on the FFT display.
MAGNITUDE: Displays the y-axis value of the cursor on the FFT display.
S/D: Indicator for the Signal-to-Distortion Ratio, 4 harmonics are used in the calculations (decibels).
S/N+D: Indicator for the Signal-to-Noise + Distortion Ratio (decibels).
SNR: Indicator for the Signal-to-Noise Ratio, first 4 harmonics are not included (decibels).
S/PN: Indicator for the Signal-to-Peak Noise Ratio (decibels).
# of AVG: Displays the number of FFT’s averaged in the current display.
2.9
Time Domain Information
The following controls and indicators are associated with Time Domain Analysis. Time domain data can
be plotted in the Data Collection Window by setting the Time Domain / FFT / Histogram selector to Time
Domain.
COUNT: Displays current x-position of the cursor on the time domain display.
MAGNITUDE: Displays current y-position of the cursor on the time domain display.
MAXIMUM: Indicator for the maximum value of the collected data set.
MINIMUM: Indicator for the minimum value of the collected data set.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com