Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PTFC270101M-V1-R1K Datasheet(PDF) 2 Page - WOLFSPEED, INC.

Part # PTFC270101M-V1-R1K
Description  High Power RF LDMOS Field Effect Transistor 10 W, 28 V, 900 – 2700 MHz
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.

PTFC270101M-V1-R1K Datasheet(HTML) 2 Page - WOLFSPEED, INC.

  PTFC270101M-V1-R1K Datasheet HTML 1Page - WOLFSPEED, INC. PTFC270101M-V1-R1K Datasheet HTML 2Page - WOLFSPEED, INC. PTFC270101M-V1-R1K Datasheet HTML 3Page - WOLFSPEED, INC. PTFC270101M-V1-R1K Datasheet HTML 4Page - WOLFSPEED, INC. PTFC270101M-V1-R1K Datasheet HTML 5Page - WOLFSPEED, INC. PTFC270101M-V1-R1K Datasheet HTML 6Page - WOLFSPEED, INC. PTFC270101M-V1-R1K Datasheet HTML 7Page - WOLFSPEED, INC. PTFC270101M-V1-R1K Datasheet HTML 8Page - WOLFSPEED, INC. PTFC270101M-V1-R1K Datasheet HTML 9Page - WOLFSPEED, INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
4600 Silicon Drive | Durham, NC 27703 | www.wolfspeed.com
Rev. 07, 2023-06-28
2
PTFC270101M
DC Characteristics
Characteristic
Conditions
Symbol
Min
Typ
Max
Unit
Drain-Source Breakdown Voltage
VGS = 0 V, IDS = 10 mA
V(BR)DSS
65
—
—
V
Drain Leakage Current
VDS = 28 V, VGS = 0 V
IDSS
—
—
1
µA
VDS = 63 V, VGS = 0 V
IDSS
—
—
10
µA
Gate Leakage Current
VGS = 10 V, VDS = 0 V
IGSS
—
1
—
µA
On-State Resistance
VGS = 10 V, VDS = 0.1 V
RDS(on)
—
1
—
W
Operating Gate Voltage
VDS = 28 V, IDQ = 120 mA
VGS
2.2
2.7
3.2
V
Maximum Ratings
Parameter
Symbol
Value
Unit
Drain-Source Voltage
VDSS
65
V
Gate-Source Voltage
VGS
–6 to +10
V
Operating Voltage
VDD
0 to +32
V
Junction Temperature
TJ
225
°C
Storage Temperature Range
TSTG
–65 to +150
°C
Thermal Resistance (TCASE = 70°C, 12 W CW)
RqJC
4.04
°C/W
Moisture Sensitivity Level
Level
Test Standard
Package Temperature
Unit
3
IPC/JEDEC J-STD-020
260
°C
ESD Ratings
Test Type
Rated Class
Standard
Human Body Model (HBM)
1B
ANSI/ESDA/JEDEC JS-001
Charge Device Model (CDM)
II
JESD 22-C101
Ordering Information
Type
Order Code
Package and Description
Shipping
PTFC270101M V1 R1K
PTFC270101M-V1-R1K
PG-SON-10, molded plastic, SMD
Tape & Reel, 1000 pcs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com