Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PTFC270101M-V1-R1K Datasheet(PDF) 21 Page - WOLFSPEED, INC.

Part # PTFC270101M-V1-R1K
Description  High Power RF LDMOS Field Effect Transistor 10 W, 28 V, 900 – 2700 MHz
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.

PTFC270101M-V1-R1K Datasheet(HTML) 21 Page - WOLFSPEED, INC.

Back Button PTFC270101M-V1-R1K Datasheet HTML 14Page - WOLFSPEED, INC. PTFC270101M-V1-R1K Datasheet HTML 15Page - WOLFSPEED, INC. PTFC270101M-V1-R1K Datasheet HTML 16Page - WOLFSPEED, INC. PTFC270101M-V1-R1K Datasheet HTML 17Page - WOLFSPEED, INC. PTFC270101M-V1-R1K Datasheet HTML 18Page - WOLFSPEED, INC. PTFC270101M-V1-R1K Datasheet HTML 19Page - WOLFSPEED, INC. PTFC270101M-V1-R1K Datasheet HTML 20Page - WOLFSPEED, INC. PTFC270101M-V1-R1K Datasheet HTML 21Page - WOLFSPEED, INC. PTFC270101M-V1-R1K Datasheet HTML 22Page - WOLFSPEED, INC.  
Zoom Inzoom in Zoom Outzoom out
 21 / 22 page
background image
4600 Silicon Drive | Durham, NC 27703 | www.wolfspeed.com
Rev. 07, 2023-06-28
21
PTFC270101M
Package Outline Specifications
Package PG-SON-10
Diagram Notes–unless otherwise specified:
1. Interpret dimensions and tolerances per ASME Y14.5M-1994.
2. Primary dimensions are mm. Alternate dimensions are inches.
3. All tolerances ± 0.1 [0.004] unless specified otherwise.
4. Package dimensions: 4.0 mm X 4.0 mm X 1.42 mm.
5. Pins: S = Source, 1-5 = Gate, 6-10 = Drain.
6. NiPdAu plating (gold top layer) : 0.025 – 0.127 micron[1 – 5 microinch].
TOP VIEW
4.00
[.157]
4.00
[.157]
INDEX
MARKING
BOTTOM VIEW
5
4
3
2
1
6
7
8
9
10
5X .515
[.0203] 2 PLACES
2.37
[.093]
0.54
[.021] 2 PLACES
5X .320
[.0126] 2 PLACES
.815
[.0321]
0.30
[.012]
3.40
[.134]
INDEX
MARKING
4X 0.65
[.026] 2 PLACES
2.97
[.117]
S
SIDE VIEW
0.38
[.015] BOTH SIDES
1.42
[.056]
0.05 [.002]
PG-SON-10_po_02_12-07-2012
Diagram Notes—unless otherwise specified:
1. Interpret dimensions and tolerances per ASME Y14.5M-1994.
2. Primary dimensions are mm. Alternate dimensions are inches.
3. All tolerances ± 0.10 [0.004].
4. Package dimensions: 4.0 mm X 4.0 mm X 1.42 mm.
5. Pins: 1 – 5, gate; 6 – 10, drain; S (bottom side metallization) – source.
6. Gold plating thickness: 0.025 – 0.127 micron [1 – 5 microinch].



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com