Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PTFC270101M-V1-R1K Datasheet(PDF) 7 Page - WOLFSPEED, INC.

Part # PTFC270101M-V1-R1K
Description  High Power RF LDMOS Field Effect Transistor 10 W, 28 V, 900 – 2700 MHz
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.

PTFC270101M-V1-R1K Datasheet(HTML) 7 Page - WOLFSPEED, INC.

Back Button PTFC270101M-V1-R1K Datasheet HTML 3Page - WOLFSPEED, INC. PTFC270101M-V1-R1K Datasheet HTML 4Page - WOLFSPEED, INC. PTFC270101M-V1-R1K Datasheet HTML 5Page - WOLFSPEED, INC. PTFC270101M-V1-R1K Datasheet HTML 6Page - WOLFSPEED, INC. PTFC270101M-V1-R1K Datasheet HTML 7Page - WOLFSPEED, INC. PTFC270101M-V1-R1K Datasheet HTML 8Page - WOLFSPEED, INC. PTFC270101M-V1-R1K Datasheet HTML 9Page - WOLFSPEED, INC. PTFC270101M-V1-R1K Datasheet HTML 10Page - WOLFSPEED, INC. PTFC270101M-V1-R1K Datasheet HTML 11Page - WOLFSPEED, INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
4600 Silicon Drive | Durham, NC 27703 | www.wolfspeed.com
Rev. 07, 2023-06-28
7
PTFC270101M
Reference Circuit, 2100 MHz
DUT
PTFC270101M V1
Reference Circuit No.
LTN/PTFC270101M V1
Order Code
LTNPTFC270101MV1TOBO1
PCB
Rogers RO4350, 0.508 mm [.020"] thick, 2 oz. copper, εr = 3.66
Find Gerber files for this reference fixture on the Wolfspeed Web site at
www.wolfspeed.com/RF
Pulsed CW signal: 160 µsec, 10% duty cycle; 28 V, 120 mA
P1dB
Class AB
Max Output Power
Max PAE
Freq
[MHz]
Zs
[W]
Zl
[W]
Gain
[dB]
POUT
[dBm]
POUT
[W]
PAE
[%]
Zl
[W]
Gain
[dB]
POUT
[dBm]
POUT
[W]
PAE
[%]
2110
2.1 – 6.1
7.15 – 7.2
19.4
42.06
16.07
59.5
4.8 – 4
21
40.81
12.05
66.8
2140
2.1 – 6.5
6.54 – 7.6
19.2
42.05
16.03
59.3
5.14 – 4.4
21
40.92
12.36
65.8
2170
2.1 – 6.6
7.2 – 7.9
19.3
41.93
15.6
58.2
5.2 – 4.8
21
40.84
12.13
64.6
Broadband Circuit Impedance
Z Source
Z Load
G
S
D
Freq
[MHz]
Z Source W
Z Load W
R
jX
R
jX
2110
2.1
–6.7
5.6
–6.1
2140
2.1
–6.5
5.6
–5.8
2170
2.1
–6.3
5.6
–5.5
Load Pull Performance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com