Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PTFC270101M-V1-R1K Datasheet(PDF) 5 Page - WOLFSPEED, INC.

Part # PTFC270101M-V1-R1K
Description  High Power RF LDMOS Field Effect Transistor 10 W, 28 V, 900 – 2700 MHz
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.

PTFC270101M-V1-R1K Datasheet(HTML) 5 Page - WOLFSPEED, INC.

  PTFC270101M-V1-R1K Datasheet HTML 1Page - WOLFSPEED, INC. PTFC270101M-V1-R1K Datasheet HTML 2Page - WOLFSPEED, INC. PTFC270101M-V1-R1K Datasheet HTML 3Page - WOLFSPEED, INC. PTFC270101M-V1-R1K Datasheet HTML 4Page - WOLFSPEED, INC. PTFC270101M-V1-R1K Datasheet HTML 5Page - WOLFSPEED, INC. PTFC270101M-V1-R1K Datasheet HTML 6Page - WOLFSPEED, INC. PTFC270101M-V1-R1K Datasheet HTML 7Page - WOLFSPEED, INC. PTFC270101M-V1-R1K Datasheet HTML 8Page - WOLFSPEED, INC. PTFC270101M-V1-R1K Datasheet HTML 9Page - WOLFSPEED, INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
4600 Silicon Drive | Durham, NC 27703 | www.wolfspeed.com
Rev. 07, 2023-06-28
5
PTFC270101M
5
15
25
35
45
55
65
-65
-55
-45
-35
-25
-15
-5
24
26
28
30
32
34
36
38
40
Output Power (dBm)
Two-carrier WCDMA Drive-up
VDD = 28 V, IDQ = 120 mA, ƒ = 2170 MHz
3GPP WCDMA signal, 8 dB PAR,
10 MHz carrier spacing, 3.84 MHz bandwidth
IMD Low
IMD Up
ACPR
Efficiency
c270101m-2.1-gr2c
Typical RF Performance, 2110 – 2170 MHz (cont.)
6
18
30
42
54
66
14
16
18
20
22
24
24 26 28 30 32 34 36 38 40 42
Output Power (dBm)
CW Performance
at selected supply voltage
IDQ = 120 mA, ƒ = 2170 MHz
VDD = 24 V
VDD = 28 V
VDD = 32 V
c270101m-2.1-gr5c
Gain
Efficiency
6
18
30
42
54
66
14
16
18
20
22
24
24 26 28 30 32 34 36 38 40 42
Output Power (dBm)
CW Performance
at selected supply voltage
IDQ = 120 mA, ƒ = 2140 MHz
VDD = 24 V
VDD = 28 V
VDD = 32 V
c270101m-2.1-gr5b
Gain
Efficiency
6
18
30
42
54
66
14
16
18
20
22
24
24 26 28 30 32 34 36 38 40 42
Output Power (dBm)
CW Performance
at selected supply voltage
IDQ = 120 mA, ƒ = 2110 MHz
VDD = 24 V
VDD = 28 V
VDD = 32 V
c270101m-2.1-gr5a
Gain
Efficiency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com