Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PTFC270101M-V1-R1K Datasheet(PDF) 13 Page - WOLFSPEED, INC.

Part # PTFC270101M-V1-R1K
Description  High Power RF LDMOS Field Effect Transistor 10 W, 28 V, 900 – 2700 MHz
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.

PTFC270101M-V1-R1K Datasheet(HTML) 13 Page - WOLFSPEED, INC.

Back Button PTFC270101M-V1-R1K Datasheet HTML 9Page - WOLFSPEED, INC. PTFC270101M-V1-R1K Datasheet HTML 10Page - WOLFSPEED, INC. PTFC270101M-V1-R1K Datasheet HTML 11Page - WOLFSPEED, INC. PTFC270101M-V1-R1K Datasheet HTML 12Page - WOLFSPEED, INC. PTFC270101M-V1-R1K Datasheet HTML 13Page - WOLFSPEED, INC. PTFC270101M-V1-R1K Datasheet HTML 14Page - WOLFSPEED, INC. PTFC270101M-V1-R1K Datasheet HTML 15Page - WOLFSPEED, INC. PTFC270101M-V1-R1K Datasheet HTML 16Page - WOLFSPEED, INC. PTFC270101M-V1-R1K Datasheet HTML 17Page - WOLFSPEED, INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
4600 Silicon Drive | Durham, NC 27703 | www.wolfspeed.com
Rev. 07, 2023-06-28
13
PTFC270101M
Reference Circuit, 900 MHz
DUT
PTFC270101M V1
Reference Circuit No.
LTN/PTFC270101M E4
Order Code
LTNPTFC270101ME4TOBO1
PCB
Rogers RO4350, 0.508 mm [.020"] thick, 2 oz. copper, εr = 3.66
Find Gerber files for this reference fixture on the Wolfspeed Web site at
www.wolfspeed.com/RF
Assembly diagram for reference circuit LTN/PTFC270101M E4, 900 MHz (not to scale)
RF_IN
RF_OUT
p t f c27 0101 m _C D - 9 00_0 1- 2 3- 1 5
900 MHZ
PTFC270101M_04
(73)
RO4350, .020
R108
C108
C106
C104
R106
DUT
VDD
VGG
C101
C102
R105
R109
C109
R101
C110
C103
C105
R110
R102
R103
R104
S1
S1
S3
S3
S2
S2
R101
C107



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com