Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PTFC270101M-V1-R1K Datasheet(PDF) 1 Page - WOLFSPEED, INC.

Part # PTFC270101M-V1-R1K
Description  High Power RF LDMOS Field Effect Transistor 10 W, 28 V, 900 – 2700 MHz
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.

PTFC270101M-V1-R1K Datasheet(HTML) 1 Page - WOLFSPEED, INC.

  PTFC270101M-V1-R1K Datasheet HTML 1Page - WOLFSPEED, INC. PTFC270101M-V1-R1K Datasheet HTML 2Page - WOLFSPEED, INC. PTFC270101M-V1-R1K Datasheet HTML 3Page - WOLFSPEED, INC. PTFC270101M-V1-R1K Datasheet HTML 4Page - WOLFSPEED, INC. PTFC270101M-V1-R1K Datasheet HTML 5Page - WOLFSPEED, INC. PTFC270101M-V1-R1K Datasheet HTML 6Page - WOLFSPEED, INC. PTFC270101M-V1-R1K Datasheet HTML 7Page - WOLFSPEED, INC. PTFC270101M-V1-R1K Datasheet HTML 8Page - WOLFSPEED, INC. PTFC270101M-V1-R1K Datasheet HTML 9Page - WOLFSPEED, INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
4600 Silicon Drive | Durham, NC 27703 | www.wolfspeed.com
Rev. 0
7, 2023-06-28
All published data at TCASE = 25°C unless otherwise indicated
ESD: Electrostatic discharge sensitive device—observe handling precautions!
PTFC270101M
PTFC270101M
Package PG-SON-10
High Power RF LDMOS Field Effect Transistor
10 W, 28 V, 900 – 2700 MHz
Features
• Unmatched input and output
• Typical CW performance, 2170 MHz, 28 V
- Output power @ P1dB = 10 W
- Gain = 20 dB
- Efficiency = 60%
• Typical two-carrier WCDMA performance, 2170 MHz, 28
V, 8 dB PAR
- Output power = 1.3 W avg
- Gain = 21 dB
- Efficiency = 21%
- ACPR = –44.9 dBc @ 5 MHz
• Capable of handling 10:1 VSWR @ 28 V, 10 W (CW)
output power
• Integrated ESD protection
• Pb-free and RoHS compliant
Description
The PTFC270101M is an unmatched 10-watt LDMOS FET suitable
for power amplifier applications with frequencies from 900 MHz to
2700 MHz. This LDMOS transistor offers excellent gain, efficiency
and linearity performance in a small overmolded plastic package.
RF Characteristics
Two-carrier WCDMA Specifications (tested in Wolfspeed production test fixture)
VDD = 28 V, IDQ = 120 mA, POUT = 2.4 W avg, ƒ = 2170 MHz
3GPP WCDMA signal, 3.84 MHz channel bandwidth, 8 dB peak/average @ 0.01% CCDF
Characteristic
Symbol
Min
Typ
Max
Unit
Gain
Gps
19.5
20.5
—
dB
0
10
20
30
40
50
60
70
16
17
18
19
20
21
22
23
24
26
28
30
32
34
36
38
40
Output Power (dBm)
Two-carrier WCDMA Drive-up
VDD = 28 V, IDQ = 120 mA, ƒ = 2170 MHz,
3GPP WCDMA signal, 8 dB PAR,
10 MHz carrier spacing, 3.84 MHz bandwidth
Gain
Efficiency
c270101m-2.1-gr1c


Similar Part No. - PTFC270101M-V1-R1K

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PTFC270101M INFINEON-PTFC270101M Datasheet
409Kb / 21P
High Power RF LDMOS Field Effect Transistor
Rev. 04, 2015-04-01
PTFC270101M INFINEON-PTFC270101M Datasheet
410Kb / 22P
High Power RF LDMOS Field Effect Transistor 10 W, 28 V, 900 ??2700 MHz
Rev. 04.1, 2016-07-26
logo
Cree, Inc
PTFC270101M CREE-PTFC270101M Datasheet
970Kb / 22P
High Power RF LDMOS Field Effect Transistor 10 W, 28 V, 900 ??2700 MHz
logo
Infineon Technologies A...
PTFC270101MV1R1K INFINEON-PTFC270101MV1R1K Datasheet
410Kb / 22P
High Power RF LDMOS Field Effect Transistor 10 W, 28 V, 900 ??2700 MHz
Rev. 04.1, 2016-07-26
PTFC270101MV1R1KXUMA1 INFINEON-PTFC270101MV1R1KXUMA1 Datasheet
410Kb / 22P
High Power RF LDMOS Field Effect Transistor 10 W, 28 V, 900 ??2700 MHz
Rev. 04.1, 2016-07-26
More results

Similar Description - PTFC270101M-V1-R1K

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PXAC243502FV INFINEON-PXAC243502FV_16 Datasheet
1Mb / 10P
High Power RF LDMOS Field Effect Transistor 350 W, 28 V, 2300 ??2400 MHz
Rev. 03.2, 2016-06-22
PTFC270101M INFINEON-PTFC270101M_16 Datasheet
410Kb / 22P
High Power RF LDMOS Field Effect Transistor 10 W, 28 V, 900 ??2700 MHz
Rev. 04.1, 2016-07-26
PTFC270051M INFINEON-PTFC270051M Datasheet
293Kb / 14P
High Power RF LDMOS Field Effect Transistor 5 W, 28 V, 900 ??2700 MHz
Rev. 01.1, 2016-07-26
PTFA220121M INFINEON-PTFA220121M_15 Datasheet
381Kb / 21P
High Power RF LDMOS Field Effect Transistor 12 W, 28 V, 700 ??2200 MHz
Rev. 10, 2015-10-23
PTFA220041M INFINEON-PTFA220041M_16 Datasheet
331Kb / 18P
High Power RF LDMOS Field Effect Transistor 4 W, 28 V, 700 ??2200 MHz
Rev. 10.1, 2016-06-01
logo
Cree, Inc
PXAC243502FV CREE-PXAC243502FV Datasheet
543Kb / 10P
High Power RF LDMOS Field Effect Transistor 350 W, 28 V, 2300 ??2400 MHz
PTFC270051M CREE-PTFC270051M Datasheet
745Kb / 14P
High Power RF LDMOS Field Effect Transistor 5 W, 28 V, 900 ??2700 MHz
PTFC270101M CREE-PTFC270101M Datasheet
970Kb / 22P
High Power RF LDMOS Field Effect Transistor 10 W, 28 V, 900 ??2700 MHz
PTFA220121M CREE-PTFA220121M Datasheet
955Kb / 21P
High Power RF LDMOS Field Effect Transistor 12 W, 28 V, 700 ??2200 MHz
PTFB201402FC CREE-PTFB201402FC Datasheet
595Kb / 14P
High Power RF LDMOS Field Effect Transistor 140 W, 28 V, 2010 - 2025 MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com