Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PTRA084858NF-V1-R5 Datasheet(PDF) 2 Page - WOLFSPEED, INC.

Part # PTRA084858NF-V1-R5
Description  Thermally-Enhanced High Power RF LDMOS FET 615 W, 48 V, 730 – 960 MHz
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.

PTRA084858NF-V1-R5 Datasheet(HTML) 2 Page - WOLFSPEED, INC.

  PTRA084858NF-V1-R5 Datasheet HTML 1Page - WOLFSPEED, INC. PTRA084858NF-V1-R5 Datasheet HTML 2Page - WOLFSPEED, INC. PTRA084858NF-V1-R5 Datasheet HTML 3Page - WOLFSPEED, INC. PTRA084858NF-V1-R5 Datasheet HTML 4Page - WOLFSPEED, INC. PTRA084858NF-V1-R5 Datasheet HTML 5Page - WOLFSPEED, INC. PTRA084858NF-V1-R5 Datasheet HTML 6Page - WOLFSPEED, INC. PTRA084858NF-V1-R5 Datasheet HTML 7Page - WOLFSPEED, INC. PTRA084858NF-V1-R5 Datasheet HTML 8Page - WOLFSPEED, INC. PTRA084858NF-V1-R5 Datasheet HTML 9Page - WOLFSPEED, INC.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2
PTRA084858NF
®
Rev. 02.2, 2021-03-29
4600 Silicon Drive | Durham, NC 27703 | www.wolfspeed.com
Rev. 03, 2023-07-07
4600 Silicon Drive | Durham, NC 27703 | www.wolfspeed.com
DC Characteristics
Characteristics
Conditions
Symbol
Min
Typ
Max
Unit
Drain-source Breakdown Voltage
VGS = 0 V, IDS = 10 mA
V(BR)DSS
105
—
—
V
Drain Leakage Current
VDS = 48 V, VGS = 0 V
IDSS
—
—
1
µA
VDS = 105 V, VGS = 0 V
—
—
10
µA
Gate Leakage Current
VGS = 10 V, VDS = 0 V
IGSS
—
—
1
µA
On-State Resistance
(main)
VGS = 10 V, VDS = 0.1 V
RDS(on)
0.025
0.08
0.41
W
Operating Gate Voltage (peak)
VGS = 10 V, VDS = 0.1 V
RDS(on)
0.01
0.05
0.38
W
Operating Gate Voltage (main)
VDS = 48 V, IDQ = 500 mA
VGS
3.4
3.7
4
V
Operating Gate Voltage (peak)
VDS = 48 V, IDQ = 500 mA
VGS
—
2
—
V
Maximum Ratings
Parameter
Symbol
Value
Unit
Drain-source Voltage
VDSS
105
V
Gate-source Voltage
VGS
–6 to +12
V
Operating Voltage
VDD
0 to +55
V
Junction Temperature
TJ
225
°C
Storage Temperature Range
TSTG
–65 to +150
°C
1. Operation above the maximum values listed here may cause permanent damage. Maximum ratings are absolute ratings; exceeding only one
of these values may cause irreversible damage to the component. Exposure to absolute maximum rating conditions for extended periods may
affect device reliability. For reliable continuous operation, the device should be operated within the operating voltage range (VDD) specified above.
2. Parameters values can be affected by end application and product usage. Values may change over time.
Thermal Characteristics
Thermal resistance, junction to case (TCASE = 70°C, ƒ = 790 MHz)
Characteristics
Symbol
Value
Unit
Thermal Resistance
(main) PDISS = 56 W CW , 48 V, IDQ = 500 mA
RqJC
0.52
°C/W
(peak) PDISS = 215 W CW , 48 V, VGS = 2.0 V
RqJC
0.23
°C/W
Moisture Sensitivity Level
Level
Test Standard
Package Temperature
Unit
3
IPC/JEDEC J-STD-020
260
°C
Ordering Information
Type and Version
Order Code
Package
Shipping
PTRA084858NF V1 R5
PTRA084858NF-V1-R5
PG-HBSOF-6-3
Tape & Reel, 500 pcs



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com