Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PTRA084858NF-V1-R5 Datasheet(PDF) 4 Page - WOLFSPEED, INC.

Part # PTRA084858NF-V1-R5
Description  Thermally-Enhanced High Power RF LDMOS FET 615 W, 48 V, 730 – 960 MHz
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.

PTRA084858NF-V1-R5 Datasheet(HTML) 4 Page - WOLFSPEED, INC.

  PTRA084858NF-V1-R5 Datasheet HTML 1Page - WOLFSPEED, INC. PTRA084858NF-V1-R5 Datasheet HTML 2Page - WOLFSPEED, INC. PTRA084858NF-V1-R5 Datasheet HTML 3Page - WOLFSPEED, INC. PTRA084858NF-V1-R5 Datasheet HTML 4Page - WOLFSPEED, INC. PTRA084858NF-V1-R5 Datasheet HTML 5Page - WOLFSPEED, INC. PTRA084858NF-V1-R5 Datasheet HTML 6Page - WOLFSPEED, INC. PTRA084858NF-V1-R5 Datasheet HTML 7Page - WOLFSPEED, INC. PTRA084858NF-V1-R5 Datasheet HTML 8Page - WOLFSPEED, INC. PTRA084858NF-V1-R5 Datasheet HTML 9Page - WOLFSPEED, INC.  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
4
PTRA084858NF
®
Rev. 02.2, 2021-03-29
4600 Silicon Drive | Durham, NC 27703 | www.wolfspeed.com
Rev. 03, 2023-07-07
4600 Silicon Drive | Durham, NC 27703 | www.wolfspeed.com
Typical Performance (cont.)
Load Pull
0
10
20
30
40
50
60
16
17
18
19
20
21
22
30
34
38
42
46
50
Output Power (dBm)
CW Performance
VDD = 48.0 V, IDQ = 500 mA,VGS(PEAK) = 2.0 V
760 MHz
790 MHz
820 MHz
Gain
Efficiency
r a084858nf - gr 5
-20
-15
-10
-5
0
10
13
16
19
22
650
700
750
800
850
900
Frequency (MHz)
CW Performance Small Signal
Gain & Input Return Loss
VDD = 48 V, IDQ = 500 mA, VGS(PEAK) = 2 V
Gain
iInput Return Loss
r a084858nf - gr 7
Main side pulsed CW signal: 12 µsec, 10% duty cycle; 48 V, IDQ = 400 mA, class AB
P1dB
Max Output Power
Max Drain Efficiency
Freq
[MHz]
Zs
[W]
Zl
[W]
Gain
[dB]
POUT
[dBm]
POUT
[W]
hD
[%]
Zl
[W]
Gain
[dB]
POUT
[dBm]
POUT
[W]
hD
[%]
760
1.5 – j1.0
2.7 – j0.6
22.2
53.30
214
56.3
5.1 + j0.9
23.8
52.10
162
67.3
790
1.4 – j1.9
2.6 – j0.4
22.1
53.30
214
57.0
4.8 + j1.3
23.8
52.00
158
67.2
820
1.4 – j2.6
2.5 – j0.4
21.8
53.20
209
56.3
4.5 + j1.5
23.6
51.90
155
66.9
P3dB
Max Output Power
Max Drain Efficiency
Freq
[MHz]
Zs
[W]
Zl
[W]
Gain
[dB]
POUT
[dBm]
POUT
[W]
hD
[%]
Zl
[W]
Gain
[dB]
POUT
[dBm]
POUT
[W]
hD
[%]
760
1.5 – j1.0
2.7 – j0.8
20.3
54.10
257
58.9
5.4 + j1.3
21.9
52.50
178
68.5
790
1.4 – j1.9
2.6 – j0.7
20.1
54.10
257
59.2
4.8 + j1.9
21.8
52.30
170
68.6
820
1.4 – j2.6
2.6 – j0.7
19.9
54.00
251
59.2
4.5 + j1.7
21.6
52.40
174
68.3
See next page for peak side load pull



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com