Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PTRA084858NF-V1-R5 Datasheet(PDF) 1 Page - WOLFSPEED, INC.

Part # PTRA084858NF-V1-R5
Description  Thermally-Enhanced High Power RF LDMOS FET 615 W, 48 V, 730 – 960 MHz
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.

PTRA084858NF-V1-R5 Datasheet(HTML) 1 Page - WOLFSPEED, INC.

  PTRA084858NF-V1-R5 Datasheet HTML 1Page - WOLFSPEED, INC. PTRA084858NF-V1-R5 Datasheet HTML 2Page - WOLFSPEED, INC. PTRA084858NF-V1-R5 Datasheet HTML 3Page - WOLFSPEED, INC. PTRA084858NF-V1-R5 Datasheet HTML 4Page - WOLFSPEED, INC. PTRA084858NF-V1-R5 Datasheet HTML 5Page - WOLFSPEED, INC. PTRA084858NF-V1-R5 Datasheet HTML 6Page - WOLFSPEED, INC. PTRA084858NF-V1-R5 Datasheet HTML 7Page - WOLFSPEED, INC. PTRA084858NF-V1-R5 Datasheet HTML 8Page - WOLFSPEED, INC. PTRA084858NF-V1-R5 Datasheet HTML 9Page - WOLFSPEED, INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Rev. 0
3, 2023-07 -07
4600 Silicon Drive | Durham, NC 27703 | www.wolfspeed.com
All published data at TCASE = 25°C unless otherwise indicated
ESD: Electrostatic discharge sensitive device—observe handling precautions!
Features
• Broadband Input and output matching
• Asymmetric Doherty design
- Main: P1dB = 211 W Typ
- Peak: P1dB = 468 W Typ
• Typical pulsed CW performance: 10 µs pulse width,
10% duty cycle, 820 MHz, 48 V, Doherty fixture
- Gain = 19.5 dB
- Efficiency = 52%
- Output power at P1dB = 214 W
- Output power at P3dB = 615 W
• Capable of handling 10:1 VSWR @ 48 V, 87 W (CW)
output power
• Integrated ESD protection
• Human Body Model Class 1C (per ANSI/ESDA/JEDEC
JS-001)
• Pb-free and RoHS-compliant
Description
The PTRA084858NF is a 615-watt LDMOS FET intended for use in mul-
tistandard cellular power amplifier applications in the 730 to 960 MHz
frequency band. Features include input and output matching, high gain
and a thermally-enhanced plastic overmold package for cool and reliable
operation. Manufactured with Wolfspeed's advanced LDMOS process, this
device provides excellent thermal performance and superior reliability.
RF Characteristics
Single-carrier WCDMA Specifications (tested in Wolfspeed Doherty test fixture)
VDD = 48 V, IDQ = 500 mA, VGS(PEAK) = 2 V, POUT = 87 W avg, ƒ = 820 MHz
3GPP signal, channel bandwidth = 3.84 MHz, peak/average = 10 dB @ 0.01% CCDF
Characteristic
Symbol
Min
Typ
Max
Unit
Gain
Gps
18.2
19
—
dB
Drain Efficiency
hD
46
50
—
%
Adjacent Channel Power Ratio
ACPR
—
–36
–30
dBc
Output PAR @ 0.01% CCDF
OPAR
7
7.4
—
dB
PTRA084858NF
Package PG-HBSOF-6-3
PTRA084858NF
Thermally-Enhanced High Power RF LDMOS FET
615 W, 48 V, 730 – 960 MHz
-60
-40
-20
0
20
40
60
0
4
8
12
16
20
24
30
35
40
45
50
Average Output Power (dBm)
Single-carrier WCDMA Drive-up
VDD = 48 V, IDQ = 500 mA,
VGS(PEAK) = 2 V, ƒ = 820 MHz
3GPP WCDMA signal, 10 dB PAR,
3.84 MHz bandwidth
Gain
Efficiency
PAR @ 0.01% CCDF
r a084858nf - gr 1c


Similar Part No. - PTRA084858NF-V1-R5

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
PTRA084808NF CREE-PTRA084808NF Datasheet
649Kb / 12P
Thermally-Enhanced High Power RF LDMOS FET 550 W, 48 V, 734 ??821 MHz
logo
WOLFSPEED, INC.
PTRA084808NF WOLFSPEED-PTRA084808NF Datasheet
881Kb / 12P
Thermally-Enhanced High Power RF LDMOS FET 550 W, 48 V, 734 – 821 MHz
Rev. 03.4, 2022-1-27
PTRA084808NF-V1-R5 WOLFSPEED-PTRA084808NF-V1-R5 Datasheet
881Kb / 12P
Thermally-Enhanced High Power RF LDMOS FET 550 W, 48 V, 734 – 821 MHz
Rev. 03.4, 2022-1-27
More results

Similar Description - PTRA084858NF-V1-R5

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PTRA093818NF INFINEON-PTRA093818NF Datasheet
470Kb / 10P
Thermally-Enhanced High Power RF LDMOS FET 415 W, 48 V, 925 ??960 MHz
Rev. 05.1, 2017-08-16
PTRA094252FC INFINEON-PTRA094252FC Datasheet
400Kb / 9P
Thermally-Enhanced High Power RF LDMOS FET 208 W, 48 V, 746 ??960 MHz
Rev. 04.2, 2017-12-08
PTRA094808NF INFINEON-PTRA094808NF Datasheet
463Kb / 10P
Thermally-Enhanced High Power RF LDMOS FET 480 W, 48 V, 859 ??960 MHz
Rev. 03, 2017-08-21
PTVA092407NF INFINEON-PTVA092407NF Datasheet
434Kb / 9P
Thermally-Enhanced High Power RF LDMOS FET 240 W, 48 V, 869 ??960 MHz
Rev. 02.4, 2017-02-07
logo
Cree, Inc
PTRA097008NB CREE-PTRA097008NB Datasheet
732Kb / 10P
Thermally-Enhanced High Power RF LDMOS FET 630 W, 48 V, 920 ??960 MHz
PTRA094252FC CREE-PTRA094252FC Datasheet
497Kb / 9P
Thermally-Enhanced High Power RF LDMOS FET 208 W, 48 V, 746 ??960 MHz
PTRA093818NF CREE-PTRA093818NF Datasheet
600Kb / 10P
Thermally-Enhanced High Power RF LDMOS FET 415 W, 48 V, 925 ??960 MHz
PTVA092407NF CREE-PTVA092407NF Datasheet
595Kb / 9P
Thermally-Enhanced High Power RF LDMOS FET 240 W, 48 V, 869 ??960 MHz
logo
WOLFSPEED, INC.
PTRA093818NF WOLFSPEED-PTRA093818NF Datasheet
685Kb / 10P
Thermally-Enhanced High Power RF LDMOS FET 415 W, 48 V, 925 – 960 MHz
Rev. 06.2, 2022-01-04
PTRA097008NB WOLFSPEED-PTRA097008NB Datasheet
556Kb / 10P
Thermally-Enhanced High Power RF LDMOS FET 630 W, 48 V, 920 – 960 MHz
Rev. 04, 2023-06-22
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com