Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PTRA084858NF-V1-R5 Datasheet(PDF) 5 Page - WOLFSPEED, INC.

Part # PTRA084858NF-V1-R5
Description  Thermally-Enhanced High Power RF LDMOS FET 615 W, 48 V, 730 – 960 MHz
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.

PTRA084858NF-V1-R5 Datasheet(HTML) 5 Page - WOLFSPEED, INC.

  PTRA084858NF-V1-R5 Datasheet HTML 1Page - WOLFSPEED, INC. PTRA084858NF-V1-R5 Datasheet HTML 2Page - WOLFSPEED, INC. PTRA084858NF-V1-R5 Datasheet HTML 3Page - WOLFSPEED, INC. PTRA084858NF-V1-R5 Datasheet HTML 4Page - WOLFSPEED, INC. PTRA084858NF-V1-R5 Datasheet HTML 5Page - WOLFSPEED, INC. PTRA084858NF-V1-R5 Datasheet HTML 6Page - WOLFSPEED, INC. PTRA084858NF-V1-R5 Datasheet HTML 7Page - WOLFSPEED, INC. PTRA084858NF-V1-R5 Datasheet HTML 8Page - WOLFSPEED, INC. PTRA084858NF-V1-R5 Datasheet HTML 9Page - WOLFSPEED, INC.  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
5
PTRA084858NF
®
Rev. 03, 2023-07-07
4600 Silicon Drive | Durham, NC 27703 | www.wolfspeed.com
Load Pull
Peak side pulsed CW signal: 12 µsec, 10% duty cycle; 48 V, VGS(PEAK) = 2 V, class C
P1dB
Max Output Power
Max Drain Efficiency
Freq
[MHz]
Zs
[W]
Zl
[W]
Gain
[dB]
POUT
[dBm]
POUT
[W]
hD
[%]
Zl
[W]
Gain
[dB]
POUT
[dBm]
POUT
[W]
hD
[%]
760
0.7 – j1.8
1.1 + j0.1
17.7
56.50
447
61.5
1.1 + j1.3
18.6
53.90
245
75.2
790
0.7 – j2.2
1.1 + j0.1
17.3
56.50
447
61.2
1.1 + j1.3
18.2
54.00
251
74.5
820
0.8 – j2.5
1.0 + j0.2
17.5
56.70
468
64.8
1.0 + j1.3
18.3
54.30
269
77.3
P3dB
Max Output Power
Max Drain Efficiency
Freq
[MHz]
Zs
[W]
Zl
[W]
Gain
[dB]
POUT
[dBm]
POUT
[W]
hD
[%]
Zl
[W]
Gain
[dB]
POUT
[dBm]
POUT
[W]
hD
[%]
760
0.7 – j1.8
1.1 + j0.0
15.6
57.20
525
62.7
1.1 + j1.3
16.6
54.60
288
74.5
790
0.7 – j2.2
1.1 + j0.0
15.2
57.20
525
62.4
1.1 + j1.3
16.3
54.80
302
74.7
820
0.8 – j2.5
1.1 + j0.2
15.4
57.30
537
65.4
1.0 + j1.3
16.3
54.80
302
77.0
Reference Circuit, 760 – 820 MHz
Reference Circuit Assembly
DUT
PTRA084858NF
Test Fixture Part No.
LTA/PTRA084858NF-V1
PCB
Rogers 4350, 0.508 mm [0.020”] thick, 2 oz. copper, εr = 3.66
Find Gerber files for this test fixture on the Wolfspeed Web site at
www.wolfspeed.com/RF
Reference Circuit continued next page



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com