Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PTRA084858NF-V1-R5 Datasheet(PDF) 3 Page - WOLFSPEED, INC.

Part # PTRA084858NF-V1-R5
Description  Thermally-Enhanced High Power RF LDMOS FET 615 W, 48 V, 730 – 960 MHz
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.

PTRA084858NF-V1-R5 Datasheet(HTML) 3 Page - WOLFSPEED, INC.

  PTRA084858NF-V1-R5 Datasheet HTML 1Page - WOLFSPEED, INC. PTRA084858NF-V1-R5 Datasheet HTML 2Page - WOLFSPEED, INC. PTRA084858NF-V1-R5 Datasheet HTML 3Page - WOLFSPEED, INC. PTRA084858NF-V1-R5 Datasheet HTML 4Page - WOLFSPEED, INC. PTRA084858NF-V1-R5 Datasheet HTML 5Page - WOLFSPEED, INC. PTRA084858NF-V1-R5 Datasheet HTML 6Page - WOLFSPEED, INC. PTRA084858NF-V1-R5 Datasheet HTML 7Page - WOLFSPEED, INC. PTRA084858NF-V1-R5 Datasheet HTML 8Page - WOLFSPEED, INC. PTRA084858NF-V1-R5 Datasheet HTML 9Page - WOLFSPEED, INC.  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3
PTRA084858NF
®
Rev. 03, 2023-07-07
4600 Silicon Drive | Durham, NC 27703 | www.wolfspeed.com
Typical Performance (data taken in a Wolfspeed production test fixture)
0
10
20
30
40
50
60
-70
-60
-50
-40
-30
-20
-10
30
35
40
45
50
55
Average Output Power (dBm)
Single-carrier WCDMA Drive-up
VDD = 48 V, IDQ(MAIN) = 500 mA,
VGS(PEAK) = 2 V, ƒ = 820 MHz
3GPP WCDMA signal,
10 dB PAR, 3.84 MHz bankdwidth
ACP Up
ACP Low
Efficiency
-18
-15
-12
-9
-6
-3
0
-43
-38
-33
-28
-23
-18
730
760
790
820
850
Frequency (MHz)
Single-carrier WCDMA Broadband
Performance
VDD = 48 V, IDQ = 500 mA, VGS(PEAK) = 2 V
POUT = 49.4 dBm,
3GPP WCDMA signal, 10 dB PAR
ACP Low
ACP Up
Input Return Loss
r a084858nf - gr 4
45
50
55
60
18
19
20
21
730
760
790
820
850
Frequency (MHz)
Single-carrier WCDMA Broadband
Performance
VDD = 48 V, IDQ = 500 mA, VGS(PEAK) = 2.0 V
POUT = 49.4 dBm,
3GPP WCDMA signal, 10 dB PAR
Gain
Efficiency
0
10
20
30
40
50
60
16
17
18
19
20
21
22
30
34
38
42
46
50
Output Power (dBm)
CW Performance
VDD = 48.0 V, IDQ = 500 mA,VGS(PEAK) = 2.0 V
760 MHz
790 MHz
820 MHz
Gain
Efficiency
r a084858nf - gr 5



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com