Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PTRA084858NF-V1-R5 Datasheet(PDF) 7 Page - WOLFSPEED, INC.

Part # PTRA084858NF-V1-R5
Description  Thermally-Enhanced High Power RF LDMOS FET 615 W, 48 V, 730 – 960 MHz
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.

PTRA084858NF-V1-R5 Datasheet(HTML) 7 Page - WOLFSPEED, INC.

  PTRA084858NF-V1-R5 Datasheet HTML 1Page - WOLFSPEED, INC. PTRA084858NF-V1-R5 Datasheet HTML 2Page - WOLFSPEED, INC. PTRA084858NF-V1-R5 Datasheet HTML 3Page - WOLFSPEED, INC. PTRA084858NF-V1-R5 Datasheet HTML 4Page - WOLFSPEED, INC. PTRA084858NF-V1-R5 Datasheet HTML 5Page - WOLFSPEED, INC. PTRA084858NF-V1-R5 Datasheet HTML 6Page - WOLFSPEED, INC. PTRA084858NF-V1-R5 Datasheet HTML 7Page - WOLFSPEED, INC. PTRA084858NF-V1-R5 Datasheet HTML 8Page - WOLFSPEED, INC. PTRA084858NF-V1-R5 Datasheet HTML 9Page - WOLFSPEED, INC.  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
7
PTRA084858NF
®
Rev. 03, 2023-07-07
4600 Silicon Drive | Durham, NC 27703 | www.wolfspeed.com
Pinout Diagram (top view)
Reference Circuit, 760 – 820 MHz (cont.)
Components Table
Component
Description
Manufacturer
P/N
Input
C101, C102
Capacitor, 18 pF
ATC
ATC600F180JT250XT
C103, C107, C111, C112
Capacitor, 100 pF
ATC
ATC600F101JT250XT
C104, C113
Capacitor, 1 µF
TDK Corporation
C4532X7R2A105M230KA
C105, C114
Capacitor, 10 µF, 100 V
Murata Electronics
GRM32EC72A106KE05L
C106
Capacitor, 10 pF
ATC
ATC600F100JT250XT
C108, C110
Capacitor, 5.6 pF
ATC
ATC600F5R6CT250XT
C109
Capacitor, 18 pF
ATC
ATC600F180JT250XT
R101
Resistor, 8.2 ohms
Panasonic Electronic Components
ERJ-8RQJ8R2V
R102
Resistor, 10 ohms
Panasonic Electronic Components
ERJ-8GEYJ100V
R103
Resistor, 50 ohms
Anaren
C16A50Z4
U1
Hybrid Coupler
RN2 Technolgies Co
CMX07Q01
Output
C201, C212, C213, C218,
C219
Capacitor, 10 µF, 100 V
Murata Electronics
GRM32EC72A106KE05L
C202
Capacitor, 18 pF
ATC
ATC600F180JT250XT
C203, C215
Capacitor, 12 pF
ATC
ATC600F120JT250XT
C204, C205
Capacitor, 6.8 pF
ATC
ATC600F6R8JT250XT
C206, C207
Capacitor, 47 pF
ATC
ATC100B470JW500XB
C208, C209, C210, C216
Capacitor, 100 pF
ATC
ATC600F101JT250XT
C211, C217
Capacitor, 1 µF
TDK Corporation
C4532X7R2A105M230KA
C214, C220
Capacitor, 100 µF
Panasonic Electronic Components
EEE-FP1V101A
Pin
Description
D1
Drain Device 1 (Main)
D2
Drain Device 2 (Peak)
G1
Gate Device 1(Main)
G2
Gate Device 2 (Peak)
S
Source (flange)
V1, V2
Drain video decoupling, no DC Bias
G1
G2
D2
D1
V1
Main
Peak
V2
P G - H B S O F - 6- 3_ P D _ 8- 29 - 20 20 _b n



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com