Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PTVA127002EV-V1-R0 Datasheet(PDF) 2 Page - WOLFSPEED, INC.

Part # PTVA127002EV-V1-R0
Description  Thermally-Enhanced High Power RF LDMOS FET 700 W, 50 V, 1200 – 1400 MHz
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.

PTVA127002EV-V1-R0 Datasheet(HTML) 2 Page - WOLFSPEED, INC.

  PTVA127002EV-V1-R0 Datasheet HTML 1Page - WOLFSPEED, INC. PTVA127002EV-V1-R0 Datasheet HTML 2Page - WOLFSPEED, INC. PTVA127002EV-V1-R0 Datasheet HTML 3Page - WOLFSPEED, INC. PTVA127002EV-V1-R0 Datasheet HTML 4Page - WOLFSPEED, INC. PTVA127002EV-V1-R0 Datasheet HTML 5Page - WOLFSPEED, INC. PTVA127002EV-V1-R0 Datasheet HTML 6Page - WOLFSPEED, INC. PTVA127002EV-V1-R0 Datasheet HTML 7Page - WOLFSPEED, INC. PTVA127002EV-V1-R0 Datasheet HTML 8Page - WOLFSPEED, INC. PTVA127002EV-V1-R0 Datasheet HTML 9Page - WOLFSPEED, INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2
PTVA127002EV
Rev. 05, 2023-07-10
© 2023 Wolfspeed, Inc. All rights reserved. Wolfspeed® and the Wolfstreak logo are registered trademarks and the Wolfspeed logo is a trademark of Wolfspeed, Inc.
The information in this document is subject to change without notice.
4600 Silicon Drive | Durham, NC 27703 | Tel: +1.919.313.5300
DC Characteristics (single side)
Characteristic
Conditions
Symbol
Min
Typ
Max
Unit
Drain-Source Breakdown Voltage
VGS = 0 V, IDS = 10 mA
V(BR)DSS
105
—
—
V
Drain Leakage Current VDS = 50 V, VGS = 0 V
IDSS
—
—
1.0
µA
VDS = 105 V, VGS = 0 V
IDSS
—
—
10.0
µA
On-State Resistance
VGS = 10 V, VDS = 0.1 V
RDS(on)
—
0.1
—
W
Operating Gate Voltage VDS = 50 V, IDQ = 150 mA
VGS
3
3.35
4
V
Gate Leakage Current VGS = 10 V, VDS = 0 V
IGSS
—
—
1.0
µA
Maximum Ratings
Parameter
Symbol
Value
Unit
Drain-Source Voltage
VDSS
105
V
Gate-Source Voltage
VGS
–6 to +12
V
Operating Voltage
VDD
0 to +55
V
Junction Temperature
TJ
225
°C
Storage Temperature Range
TSTG
–65 to +150
°C
Thermal Resistance (TCASE = 70°C, 700 W CW)
RqJC
~0.36
°C/W
Ordering Information
Type and Version
Order Code
Package Description
Shipping
PTVA127002EV V1 R0
PTVA127002EV-V1-R0
H-36275-4, bolt-down
Tape & Reel, 50 pcs
PTVA127002EV V1 R250
PTVA127002EV-V1-R250
H-36275-4, bolt-down
Tape & Reel, 250 pcs
RF Characteristics
Typical RF Performance (not subject to production test, verified by design/characterization in Wolfspeed test fixture)
VDD =
50 V, IDQ = 150 mA per side, Input signal (tr = 7 ns, tf = 5 ns), 300 µs pulse width, 12% duty cycle, class AB test
Mode of
Operation
ƒ
(MHz)
IRL
(dB)
P1dB
P3dB
Max
Pdroop
(pulse) @ P1dB
tr (ns)
@P1dB
tf (ns)
@P1dB
Gain
(dB)
Eff (%)
POUT
(W)
Gain
(dB)
Eff (%)
POUT
(W)
300 µs, 12%
Duty Cycle
1200
–20
16.6
57
710
14.6
57
810
0.2
5
<2
1300
–16
15.8
54
840
13.8
55
950
0.3
5
<2
1400
–20
15.7
54
730
13.7
53
820
0.2
5
<2
Typical RF Performance (tested on LTN/PTVA127002EV E5 Wolfspeed test fixture)
VDD = 50 V, IDQ = 150 mA per side, Input signal (tr = 7 ns, tf = 5 ns), 32 ms pulse width, 50% duty cycle, class AB test
Mode of
Operation
Compression
ƒ
(MHz)
PIN
(dBm)
Gain
(dB)
IRL
(dB)
I
(A)
Eff
(%)
POUT
(dBm)
POUT
(W)
32 ms, 50%
Duty Cycle
P1dB
1300
42.0
16.1
22.6
22.7
56.6
58.1
641
P3dB
1300
44.4
14.1
19.0
25.2
55.8
58.5
703



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com