Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PTVA127002EV-V1-R0 Datasheet(PDF) 8 Page - WOLFSPEED, INC.

Part # PTVA127002EV-V1-R0
Description  Thermally-Enhanced High Power RF LDMOS FET 700 W, 50 V, 1200 – 1400 MHz
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.

PTVA127002EV-V1-R0 Datasheet(HTML) 8 Page - WOLFSPEED, INC.

Back Button PTVA127002EV-V1-R0 Datasheet HTML 2Page - WOLFSPEED, INC. PTVA127002EV-V1-R0 Datasheet HTML 3Page - WOLFSPEED, INC. PTVA127002EV-V1-R0 Datasheet HTML 4Page - WOLFSPEED, INC. PTVA127002EV-V1-R0 Datasheet HTML 5Page - WOLFSPEED, INC. PTVA127002EV-V1-R0 Datasheet HTML 6Page - WOLFSPEED, INC. PTVA127002EV-V1-R0 Datasheet HTML 7Page - WOLFSPEED, INC. PTVA127002EV-V1-R0 Datasheet HTML 8Page - WOLFSPEED, INC. PTVA127002EV-V1-R0 Datasheet HTML 9Page - WOLFSPEED, INC. PTVA127002EV-V1-R0 Datasheet HTML 10Page - WOLFSPEED, INC.  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
8
PTVA127002EV
Rev. 05, 2023-07-10
© 2023 Wolfspeed, Inc. All rights reserved. Wolfspeed® and the Wolfstreak logo are registered trademarks and the Wolfspeed logo is a trademark of Wolfspeed, Inc.
The information in this document is subject to change without notice.
4600 Silicon Drive | Durham, NC 27703 | Tel: +1.919.313.5300
Reference Circuit (cont.)
Reference Circuit Assembly
DUT
PTVA27002EV V1
Test Fixture Part No.
LTN/PTVA127002EV V1
PCB
Rogers 3010, 0.635mm [0.025”] thick, 2 oz. copper, εr = 10.2, ƒ = 1930 – 1990 MHz
Find Gerber files for this test fixture on the Wolfspeed Web site at www.wolfspeed.com/RF
Components Information
Component
Description
Suggested Manufacturer
P/N
Input
C101, C102, C108, C109
Capacitor, 39 pF
ATC
ATC100B390KW500XB
C103, C110
Capacitor, 10 μF
TDK Corporation
C5750X5R1H106K230KA
C104, C107
Capacitor, 1 μF
TDK Corporation
C4532X7R2A105M230KA
C105, C112, C113
Capacitor, 56 pF
ATC
ATC100B560JW500XB
C106
Capacitor, 3.9 pF
ATC
ATC800A3R9CW250
C111
Capacitor, 6.2 pF
ATC
ATC100A6R2CW150XB
C801, C802, C803,
C804, C805, C806
Capacitor, 1000 pF
Panasonic Electronic Components
ECJ-1VB1H102K
R101, R105
Resistor, 1000 W
Panasonic Electronic Components
ERJ-8GEYJ102V
R102, R106
Resistor, 5.6 W
Panasonic Electronic Components
ERJ-8GEYJ5R6V
R103, R104, R804,
R808
Resistor, 10 W
Panasonic Electronic Components
ERJ-8GEYJ100V
R801, R805
Resistor, 2000 W
Panasonic Electronic Components
ERJ-8GEYJ202V
R802, R807
Resistor, 1300 W
Panasonic Electronic Components
ERJ-3GEYJ132V
R803, R806
Resistor, 1200 W
Panasonic Electronic Components
ERJ-3GEYJ122V
S1, S4
Transistor
Infineon Technologies
BCP56
S2, S5
Voltage Regulator
National Semiconductor
LM7805
S3, S6
Potentiometer, 2k W
Bourns Inc.
3224W-1-202E
Output
C201, C210
Capacitor, 1 μF
TDK Corporation
C4532X7R2A105M230KA
C202
Capacitor, 2.2 μF
ATC
ATC100B2R2CW500
C203
Capacitor, 100 μF
Cornell Dubilier Electronics (CDE)
SK101M100ST
C204
Capacitor, 22 μF
Cornell Dubilier Electronics (CDE)
SEK220M100ST
C205
Capacitor, 10 μF
Cornell Dubilier Electronics (CDE)
SEK100M100ST
C206, C212
Capacitor, 10 μF
TDK Corporation
C5750X5R1H106K230KA
C207, C211
Capacitor, 39 pF
ATC
ATC100B390KW500
C208
Capacitor, 6800 μF
Panasonic Electronic Components
ECO-S2AP682EA
C209
Capacitor, 56 pF
ATC
ATC100B560JW500
R201, R202
Resistor, 5.6 W
Panasonic Electronic Components
ERJ-8RQJ5R6V



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com