Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PTVA127002EV-V1-R0 Datasheet(PDF) 4 Page - WOLFSPEED, INC.

Part # PTVA127002EV-V1-R0
Description  Thermally-Enhanced High Power RF LDMOS FET 700 W, 50 V, 1200 – 1400 MHz
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.

PTVA127002EV-V1-R0 Datasheet(HTML) 4 Page - WOLFSPEED, INC.

  PTVA127002EV-V1-R0 Datasheet HTML 1Page - WOLFSPEED, INC. PTVA127002EV-V1-R0 Datasheet HTML 2Page - WOLFSPEED, INC. PTVA127002EV-V1-R0 Datasheet HTML 3Page - WOLFSPEED, INC. PTVA127002EV-V1-R0 Datasheet HTML 4Page - WOLFSPEED, INC. PTVA127002EV-V1-R0 Datasheet HTML 5Page - WOLFSPEED, INC. PTVA127002EV-V1-R0 Datasheet HTML 6Page - WOLFSPEED, INC. PTVA127002EV-V1-R0 Datasheet HTML 7Page - WOLFSPEED, INC. PTVA127002EV-V1-R0 Datasheet HTML 8Page - WOLFSPEED, INC. PTVA127002EV-V1-R0 Datasheet HTML 9Page - WOLFSPEED, INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
4
PTVA127002EV
Rev. 05, 2023-07-10
© 2023 Wolfspeed, Inc. All rights reserved. Wolfspeed® and the Wolfstreak logo are registered trademarks and the Wolfspeed logo is a trademark of Wolfspeed, Inc.
The information in this document is subject to change without notice.
4600 Silicon Drive | Durham, NC 27703 | Tel: +1.919.313.5300
Typical RF Performance (cont.)
15
25
35
45
55
65
15
25
35
45
55
65
30 32 34 36 38 40 42 44 46 48
PIN (dBm)
Power Sweep, Pulsed RF
VDD = 50 V, IDQ = 300 mA, TCASE = 25°C,
2 ms pulse width, 10% duty cycle
1200 MHz
1300 MHz
1400 MHz
Output Power
Efficiency
a127002ev_g2-1
13
14
15
16
17
18
30 32 34 36 38 40 42 44 46 48
PIN (dBm)
Power Sweep, Pulsed RF
VDD = 50 V, IDQ = 300 mA, TCASE = 25°C,
2 ms pulse width, 10% duty cycle
1200 MHz
1300 MHz
1400 MHz
Gain
a127002ev_g2-2
50
55
60
65
70
14
15
16
17
18
1150 1200 1250 1300 1350 1400 1450
Frequency (MHz)
Pulsed RF Performance
VDD = 50 V, IDQ = 300 mA, POUT = 700W,
2 ms pulse width, 10% duty cycle
a127002ev_g2-3
Gain
Efficiency
0.0
0.1
0.2
0.3
0.4
-30
-25
-20
-15
-10
1150 1200 1250 1300 1350 1400 1450
Frequency (MHz)
Pulsed RF Performance
VDD = 50 V, IDQ = 300 mA, POUT = 700 W,
2 ms pulse width,10% duty cycle
Power Droop
a127002ev_g2-4
IRL



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com