Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PTVA127002EV-V1-R0 Datasheet(PDF) 3 Page - WOLFSPEED, INC.

Part # PTVA127002EV-V1-R0
Description  Thermally-Enhanced High Power RF LDMOS FET 700 W, 50 V, 1200 – 1400 MHz
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.

PTVA127002EV-V1-R0 Datasheet(HTML) 3 Page - WOLFSPEED, INC.

  PTVA127002EV-V1-R0 Datasheet HTML 1Page - WOLFSPEED, INC. PTVA127002EV-V1-R0 Datasheet HTML 2Page - WOLFSPEED, INC. PTVA127002EV-V1-R0 Datasheet HTML 3Page - WOLFSPEED, INC. PTVA127002EV-V1-R0 Datasheet HTML 4Page - WOLFSPEED, INC. PTVA127002EV-V1-R0 Datasheet HTML 5Page - WOLFSPEED, INC. PTVA127002EV-V1-R0 Datasheet HTML 6Page - WOLFSPEED, INC. PTVA127002EV-V1-R0 Datasheet HTML 7Page - WOLFSPEED, INC. PTVA127002EV-V1-R0 Datasheet HTML 8Page - WOLFSPEED, INC. PTVA127002EV-V1-R0 Datasheet HTML 9Page - WOLFSPEED, INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
3
PTVA127002EV
Rev. 05, 2023-07-10
© 2023 Wolfspeed, Inc. All rights reserved. Wolfspeed® and the Wolfstreak logo are registered trademarks and the Wolfspeed logo is a trademark of Wolfspeed, Inc.
The information in this document is subject to change without notice.
4600 Silicon Drive | Durham, NC 27703 | Tel: +1.919.313.5300
Typical RF Performance (data taken in production test fixture)
12
13
14
15
16
17
18
30 32 34 36 38 40 42 44 46 48
PIN (dBm)
Power Sweep, Pulsed RF
VDD = 50 V, IDQ = 300 mA, TCASE = 25°C,
300 µs pulse width, 12% duty cycle
1200 MHz
1300 MHz
1400 MHz
a127002ev_g1-2
Gain
50
55
60
65
70
14
15
16
17
18
1150 1200 1250 1300 1350 1400 1450
Frequency (MHz)
Pulsed RF Performance
VDD = 50 V, IDQ = 300 mA, POUT = 700 W,
300 µs pulse width, 12% duty cycle
a127002ev_g1-3
Efficiency
Gain
0.0
0.1
0.2
0.3
0.4
-30
-25
-20
-15
-10
1150 1200 1250 1300 1350 1400 1450
Frequency (MHz)
Pulsed RF Performance
VDD = 50 V, IDQ = 300 mA, POUT = 700 W,
300 µs pulse width, 12% duty cycle
Power Droop
a127002ev_g1-4
IRL
15
25
35
45
55
65
15
25
35
45
55
65
30 32 34 36 38 40 42 44 46 48
PIN (dBm)
Power Sweep, Pulsed RF
VDD = 50 V, IDQ = 300 mA, TCASE = 25°C,
300 µs pulse width, 12% duty cycle
1200 MHz
1300 MHz
1400 MHz
a127002ev_g1-1
Output Power
Efficiency



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com