Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PTVA127002EV-V1-R0 Datasheet(PDF) 6 Page - WOLFSPEED, INC.

Part # PTVA127002EV-V1-R0
Description  Thermally-Enhanced High Power RF LDMOS FET 700 W, 50 V, 1200 – 1400 MHz
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.

PTVA127002EV-V1-R0 Datasheet(HTML) 6 Page - WOLFSPEED, INC.

Back Button PTVA127002EV-V1-R0 Datasheet HTML 2Page - WOLFSPEED, INC. PTVA127002EV-V1-R0 Datasheet HTML 3Page - WOLFSPEED, INC. PTVA127002EV-V1-R0 Datasheet HTML 4Page - WOLFSPEED, INC. PTVA127002EV-V1-R0 Datasheet HTML 5Page - WOLFSPEED, INC. PTVA127002EV-V1-R0 Datasheet HTML 6Page - WOLFSPEED, INC. PTVA127002EV-V1-R0 Datasheet HTML 7Page - WOLFSPEED, INC. PTVA127002EV-V1-R0 Datasheet HTML 8Page - WOLFSPEED, INC. PTVA127002EV-V1-R0 Datasheet HTML 9Page - WOLFSPEED, INC. PTVA127002EV-V1-R0 Datasheet HTML 10Page - WOLFSPEED, INC.  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
6
PTVA127002EV
Rev. 05, 2023-07-10
© 2023 Wolfspeed, Inc. All rights reserved. Wolfspeed® and the Wolfstreak logo are registered trademarks and the Wolfspeed logo is a trademark of Wolfspeed, Inc.
The information in this document is subject to change without notice.
4600 Silicon Drive | Durham, NC 27703 | Tel: +1.919.313.5300
Broadband Circuit Impedance
Z Source
Z Load
G
S
D
Load Pull at Max POUT Point – 16 µs pulse width, 10% duty cycle, class AB, VDD = 50 V, 150 mA
Freq
[MHz]
Zl
[W]
PIN
[dBm]
POUT
[dBm]
POUT
[W]
PG
[dB]
PAE Eff [%]
ZOUT
[W]
1200
1.91 – j2.04
41.40
56.40
436.52
15.00
53.80
1.30 – j2.03
1300
2.72 – j3.13
42.24
56.54
450.82
14.30
54.48
1.25 – j1.94
1400
4.83 – j1.46
41.66
56.31
427.56
14.65
53.27
1.03 – j1.94
Load Pull Performance (single side)
Load Pull at Max GT Point – 16 µs pulse width, 10% duty cycle, class AB, VDD = 50 V, 150 mA
Freq
[MHz]
Zl
[W]
PIN
[dBm]
POUT
[dBm]
POUT
[W]
PG
[dB]
PAE Eff [%]
ZOUT
[W]
1200
1.91 – j2.04
38.10
54.72
296.48
16.62
57.89
3.03 – j3.11
1300
2.72 – j3.13
38.84
54.83
304.09
15.99
62.54
3.22 – j1.63
1400
4.83 – j1.46
37.21
53.42
219.79
16.21
57.25
2.30 – j0.09
Load Pull at Max Efficiency Point – 16 µs pulse width, 10% duty cycle, class AB, VDD = 50 V, 150 mA
Freq
[MHz]
Zl
[W]
PIN
[dBm]
POUT
[dBm]
POUT
[W]
PG
[dB]
PAE Eff [%]
ZOUT
[W]
1200
1.91 – j2.04
39.60
55.80
380.19
16.20
60.71
2.22 – j2.43
1300
2.72 – j3.13
39.44
55.23
333.43
15.79
63.71
2.81 – j1.90
1400
4.83 – j1.46
39.39
55.19
330.37
15.80
62.26
2.40 – j1.45
Z Optimum – 16 µs pulse width, 10% duty cycle, class AB, VDD = 50 V, 150 mA
Freq
[MHz]
Zl
[W]
PIN
[dBm]
POUT
[dBm]
POUT
[W]
PG
[dB]
PAE Eff [%]
ZOUT
[W]
1200
1.91 – j2.04
39.18
55.58
361.41
16.40
60.50
2.41 – j2.50
1300
2.72 – j3.13
39.50
55.30
338.84
15.80
62.60
2.73 – j1.51
1400
4.83 – j1.46
40.00
55.60
363.08
15.60
60.70
1.86 – j1.37
Freq
[MHz]
Z Source W
Z Load W
R
jX
R
jX
1200
0.84
–1.27
0.90
–0.97
1300
0.97
–1.06
0.72
–0.47
1400
1.35
–1.12
0.63
0.03



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com