Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS66508B Datasheet(PDF) 2 Page - GaN Systems Inc.

Part # GS66508B
Description  Bottom-side cooled 650 V E-mode GaN transistor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAN [GaN Systems Inc.]
Direct Link  https://gansystems.com/
Logo GAN - GaN Systems Inc.

GS66508B Datasheet(HTML) 2 Page - GaN Systems Inc.

  GS66508B Datasheet HTML 1Page - GaN Systems Inc. GS66508B Datasheet HTML 2Page - GaN Systems Inc. GS66508B Datasheet HTML 3Page - GaN Systems Inc. GS66508B Datasheet HTML 4Page - GaN Systems Inc. GS66508B Datasheet HTML 5Page - GaN Systems Inc. GS66508B Datasheet HTML 6Page - GaN Systems Inc. GS66508B Datasheet HTML 7Page - GaN Systems Inc. GS66508B Datasheet HTML 8Page - GaN Systems Inc. GS66508B Datasheet HTML 9Page - GaN Systems Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
GS66508B
Bottom-side cooled 650 V E-mode GaN transistor
Datasheet
Rev 200402
© 2009-2020 GaN Systems Inc.
2
Submit datasheet feedback
Absolute Maximum Ratings (Tcase = 25 °C except as noted)
Parameter
Symbol
Value
Unit
Operating Junction Temperature
TJ
-55 to +150
°C
Storage Temperature Range
TS
-55 to +150
°C
Drain-to-Source Voltage
VDS
650
V
Drain-to-Source Voltage - transient (Note 1)
VDS(transient)
750
V
Gate-to-Source Voltage
VGS
-10 to +7
V
Gate-to-Source Voltage - transient (Note 1)
VGS(transient)
-20 to +10
V
Continuous Drain Current (Tcase = 25 °C)
IDS
30
A
Continuous Drain Current (Tcase = 100 °C)
IDS
25
A
Pulse Drain Current (Pulse width 50 µs, VGS = 6 V) (Note 2)
IDS Pulse
60
A
(1) For < 1
µs
(2) Defined by product design and characterization. Value is not tested to full current in production.
Thermal Characteristics (Typical values unless otherwise noted)
Parameter
Symbol
Value
Units
Thermal Resistance (junction-to-case) – bottom side
RΘJC
0.5
°C /W
Thermal Resistance (junction-to-ambient) (Note 3)
RΘJA
24
°C /W
Maximum Soldering Temperature (MSL3 rated)
TSOLD
260
°C
(3) Device mounted on 1.6 mm PCB thickness FR4, 4-layer PCB with 2 oz. copper on each layer. The recommendation for
thermal vias under the thermal pad are 0.3 mm diameter (12 mil) with 0.635 mm pitch (25 mil). The copper layers
under the thermal pad and drain pad are 25 x 25 mm2 each. The PCB is mounted in horizontal position without air
stream cooling.
Ordering Information
Ordering
code
Package type
Packing
method
Qty
Reel
Diameter
Reel
Width
GS66508B-TR
GaNPX® Bottom-Side Cooled
Tape-and-Reel
3000
13” (330mm)
16mm
GS66508B-MR
GaNPX® Bottom-Side Cooled
Mini-Reel
250
7” (180mm)
16mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com