Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS66508B Datasheet(PDF) 4 Page - GaN Systems Inc.

Part # GS66508B
Description  Bottom-side cooled 650 V E-mode GaN transistor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAN [GaN Systems Inc.]
Direct Link  https://gansystems.com/
Logo GAN - GaN Systems Inc.

GS66508B Datasheet(HTML) 4 Page - GaN Systems Inc.

  GS66508B Datasheet HTML 1Page - GaN Systems Inc. GS66508B Datasheet HTML 2Page - GaN Systems Inc. GS66508B Datasheet HTML 3Page - GaN Systems Inc. GS66508B Datasheet HTML 4Page - GaN Systems Inc. GS66508B Datasheet HTML 5Page - GaN Systems Inc. GS66508B Datasheet HTML 6Page - GaN Systems Inc. GS66508B Datasheet HTML 7Page - GaN Systems Inc. GS66508B Datasheet HTML 8Page - GaN Systems Inc. GS66508B Datasheet HTML 9Page - GaN Systems Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
GS66508B
Bottom-side cooled 650 V E-mode GaN transistor
Datasheet
Rev 200402
© 2009-2020 GaN Systems Inc.
4
Submit datasheet feedback
Electrical Characteristics cont’d (Typical values at TJ = 25 °C, VGS = 6 V unless otherwise noted)
Parameters
Sym. Min. Typ. Max. Units Conditions
Turn-On Delay
tD(on)
4.1
ns
VDD = 400 V, VGS = 0-6 V
IDS = 16 A, RG(ext) = 5 Ω
TJ = 25 °C (Note 6)
Rise Time
tR
3.7
ns
Turn-Off Delay
tD(off)
8
ns
Fall Time
tF
5.2
ns
Turn-On Delay
tD(on)
4.3
ns
VDD = 400 V, VGS = 0-6 V
IDS = 16 A, RG(ext) = 5 Ω
TJ =125 °C (Note 6)
Rise Time
tR
4.9
ns
Turn-Off Delay
tD(off)
8.2
ns
Fall Time
tF
3.4
ns
Output Capacitance Stored Energy
EOSS
8
µJ
VDS = 400 V
VGS = 0 V, f = 100 kHz
Switching Energy during turn-on
Eon
47.5
µJ
VDS = 400 V, IDS = 15 A
VGS = 0 - 6 V, RG(on) = 10
RG(off) = 1
Ω, L = 40 µH
LP = 2 nH (Notes 7, 8)
Switching Energy during turn-off
Eoff
8
µJ
(6) See Figure 16 for timing test circuit diagram and Figure 17 for definition waveforms
(7) LP = parasitic inductance
(8) See Figure 18 for switching test circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com