Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS66508B Datasheet(PDF) 12 Page - GaN Systems Inc.

Part # GS66508B
Description  Bottom-side cooled 650 V E-mode GaN transistor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAN [GaN Systems Inc.]
Direct Link  https://gansystems.com/
Logo GAN - GaN Systems Inc.

GS66508B Datasheet(HTML) 12 Page - GaN Systems Inc.

Back Button GS66508B Datasheet HTML 8Page - GaN Systems Inc. GS66508B Datasheet HTML 9Page - GaN Systems Inc. GS66508B Datasheet HTML 10Page - GaN Systems Inc. GS66508B Datasheet HTML 11Page - GaN Systems Inc. GS66508B Datasheet HTML 12Page - GaN Systems Inc. GS66508B Datasheet HTML 13Page - GaN Systems Inc. GS66508B Datasheet HTML 14Page - GaN Systems Inc. GS66508B Datasheet HTML 15Page - GaN Systems Inc. GS66508B Datasheet HTML 16Page - GaN Systems Inc.  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
GS66508B
Bottom-side cooled 650 V E-mode GaN transistor
Datasheet
Rev 200402
© 2009-2020 GaN Systems Inc.
12
Submit datasheet feedback
On-state condition (VGS = +6 V): The reverse conduction characteristics of a GaN Systems enhancement mode
HEMT in the on-state is similar to that of a silicon MOSFET, with the I-V curve symmetrical about the origin and it
exhibits a channel resistance, RDS(on), similar to forward conduction operation.
Off-state condition (VGS ≤ 0 V): The reverse characteristics in the off-state are different from silicon MOSFETs as
the GaN device has no body diode. In the reverse direction, the device starts to conduct when the gate voltage,
with respect to the drain, VGD, exceeds the gate threshold voltage. At this point the device exhibits a channel
resistance. This condition can be modeled as a “body diode” with slightly higher VF and no reverse recovery
charge.
If negative gate voltage is used in the off-state, the source-drain voltage must be higher than VGS(th)+VGS(off) in
order to turn the device on. Therefore, a negative gate voltage will add to the reverse voltage drop “VF” and
hence increase the reverse conduction loss.
Blocking Voltage
The blocking voltage rating, V(BL)DSS, is defined by the drain leakage current. The hard (unrecoverable) breakdown
voltage is approximately 30 % higher than the rated V(BL)DSS. As a general practice, the maximum drain voltage
should be de-rated in a similar manner as IGBTs or silicon MOSFETs. All GaN E-HEMTs do not avalanche and thus
do not have an avalanche breakdown rating. The maximum drain-to-source rating is 650 V and does not change
with negative gate voltage. GaN Systems tests devices in production with a 750V Drain-to-source voltage
pulse to insure blocking voltage margin.
Packaging and Soldering
The package material is high temperature epoxy-based PCB material which is similar to FR4 but has a higher
temperature rating, thus allowing the device to be specified to 150 °C. The device can handle at least 3 reflow
cycles.
It is recommended to use the reflow profile in IPC/JEDEC J-STD-020 REV D.1 (March 2008)
The basic temperature profiles for Pb-free (Sn-Ag-Cu) assembly are:
•
Preheat/Soak: 60 - 120 seconds. Tmin = 150 °C, Tmax = 200 °C.
•
Reflow: Ramp up rate 3 °C/sec, max. Peak temperature is 260 °C and time within 5 °C of peak
temperature is 30 seconds.
•
Cool down: Ramp down rate 6 °C/sec max.
Using “No-Clean” soldering paste and operating at high temperatures may cause a reactivation of the “No-
Clean” flux residues. In extreme conditions, unwanted conduction paths may be created. Therefore, when the
product operates at greater than 100
°C it is recommended to also clean the “No-Clean” paste residues.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com