Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS66508B Datasheet(PDF) 10 Page - GaN Systems Inc.

Part # GS66508B
Description  Bottom-side cooled 650 V E-mode GaN transistor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAN [GaN Systems Inc.]
Direct Link  https://gansystems.com/
Logo GAN - GaN Systems Inc.

GS66508B Datasheet(HTML) 10 Page - GaN Systems Inc.

Back Button GS66508B Datasheet HTML 6Page - GaN Systems Inc. GS66508B Datasheet HTML 7Page - GaN Systems Inc. GS66508B Datasheet HTML 8Page - GaN Systems Inc. GS66508B Datasheet HTML 9Page - GaN Systems Inc. GS66508B Datasheet HTML 10Page - GaN Systems Inc. GS66508B Datasheet HTML 11Page - GaN Systems Inc. GS66508B Datasheet HTML 12Page - GaN Systems Inc. GS66508B Datasheet HTML 13Page - GaN Systems Inc. GS66508B Datasheet HTML 14Page - GaN Systems Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
GS66508B
Bottom-side cooled 650 V E-mode GaN transistor
Datasheet
Rev 200402
© 2009-2020 GaN Systems Inc.
10
Submit datasheet feedback
Application Information
Gate Drive
The recommended gate drive voltage range, VGS, is 0 V to + 6 V for optimal RDS(on) performance. Also, the
repetitive gate to source voltage, maximum rating, VGS(AC), is +7 V to -10 V. The gate can survive non-repetitive
transients up to +10 V and – 20 V for pulses up to 1 µs. These specifications allow designers to easily use 6.0 V
or 6.5 V gate drive settings. At 6 V gate drive voltage, the enhancement mode high electron mobility transistor
(E-HEMT) is fully enhanced and reaches its optimal efficiency point. A 5 V gate drive can be used but may result
in lower operating efficiency. Inherently, GaN Systems E-HEMT do not require negative gate bias to turn off.
Negative gate bias, typically VGS = -3 V, ensures safe operation against the voltage spike on the gate, however it
may increase reverse conduction losses if not driven properly. For more details, please refer to the gate driver
application note "GN001 How to Drive GaN Enhancement Mode Power Switching Transistors” at
www.gansystems.com
Similar to a silicon MOSFET, an external gate resistor can be used to control the switching speed and slew rate.
Adjusting the resistor to achieve the desired slew rate may be needed. Lower turn-off gate resistance, RG(OFF) is
recommended for better immunity to cross conduction. Please see the gate driver application note (GN001) for
more details.
A standard MOSFET driver can be used as long as it supports 6 V for gate drive and the UVLO is suitable for 6 V
operation. Gate drivers with low impedance and high peak current are recommended for fast switching speed.
GaN Systems E-HEMTs have significantly lower QG when compared to equally sized RDS(on) MOSFETs, so high
speed can be reached with smaller and lower cost gate drivers.
Some non-isolated half bridge MOSFET drivers are not compatible with 6 V gate drive due to their high under-
voltage lockout threshold. Also, a simple bootstrap method for high side gate drive may not be able to provide
tight tolerance on the gate voltage. Therefore, special care should be taken when you select and use the half
bridge drivers. Please see the gate driver application note (GN001) for more details.
Parallel Operation
Design wide tracks or polygons on the PCB to distribute the gate drive signals to multiple devices. Keep the
drive loop length to each device as short and equal length as possible.
GaN enhancement mode HEMTs have a positive temperature coefficient on-state resistance which helps to
balance the current. However, special care should be taken in the driver circuit and PCB layout since the device
switches at very fast speed. It is recommended to have a symmetric PCB layout and equal gate drive loop length
(star connection if possible) on all parallel devices to ensure balanced dynamic current sharing. Adding a small
gate resistor (1-2 Ω) on each gate is strongly recommended to minimize the gate parasitic oscillation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com