Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS66508B Datasheet(PDF) 1 Page - GaN Systems Inc.

Part # GS66508B
Description  Bottom-side cooled 650 V E-mode GaN transistor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAN [GaN Systems Inc.]
Direct Link  https://gansystems.com/
Logo GAN - GaN Systems Inc.

GS66508B Datasheet(HTML) 1 Page - GaN Systems Inc.

  GS66508B Datasheet HTML 1Page - GaN Systems Inc. GS66508B Datasheet HTML 2Page - GaN Systems Inc. GS66508B Datasheet HTML 3Page - GaN Systems Inc. GS66508B Datasheet HTML 4Page - GaN Systems Inc. GS66508B Datasheet HTML 5Page - GaN Systems Inc. GS66508B Datasheet HTML 6Page - GaN Systems Inc. GS66508B Datasheet HTML 7Page - GaN Systems Inc. GS66508B Datasheet HTML 8Page - GaN Systems Inc. GS66508B Datasheet HTML 9Page - GaN Systems Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
GS66508B
Bottom-side cooled 650 V E-mode GaN transistor
Datasheet
Rev 200402
© 2009-2020 GaN Systems Inc.
1
Submit datasheet feedback
Package Outline
Features
650 V enhancement mode power transistor
Bottom-side cooled configuration
RDS(on) = 50 mΩ
IDS(max) = 30 A
Ultra-low FOM die
Low inductance GaNPX® package
Simple gate drive requirements (0 V to 6 V)
Transient tolerant gate drive (-20 V / +10 V)
Very high switching frequency (> 10 MHz)
Fast and controllable fall and rise times
Reverse conduction capability
Zero reverse recovery loss
Small 7.0 x 8.4 mm2 PCB footprint
Source Sense (SS) pin for optimized gate drive
RoHS 3 (6+4) compliant
Applications
AC-DC Converters
DC-DC Converters
Bridgeless Totem Pole PFC
Inverters
Energy Storage Systems
On Board Battery Chargers
Uninterruptable Power Supplies
Solar Energy
Industrial Motor Drives
Appliances
Laser Drivers
Wireless Power Transfer
Description
The GS66508B is an enhancement mode GaN-on-
silicon power transistor. The properties of GaN allow
for high current, high voltage breakdown and high
switching frequency. GaN Systems innovates with
industry leading advancements such as patented
Island Technology® and GaNPX® packaging. Island
Technology® cell layout realizes high-current die and
high yield. GaNPX® packaging enables low inductance
& low thermal resistance in a small package. The
GS66508B is a bottom-side cooled transistor that offers
very low junction-to-case thermal resistance for
demanding high power applications. These features
combine to provide very high efficiency power
switching.
Circuit Symbol


Similar Part No. - GS66508B

ManufacturerPart #DatasheetDescription
logo
GaN Systems Inc.
GS66508T GAN-GS66508T Datasheet
1Mb / 17P
Top-side cooled 650 V E-mode GaN transistor
Rev 200402
More results

Similar Description - GS66508B

ManufacturerPart #DatasheetDescription
logo
GaN Systems Inc.
GS-065-004-1-L GAN-GS-065-004-1-L Datasheet
1Mb / 16P
650 V E-mode GaN transistor
Rev 220712
GS61008P GAN-GS61008P Datasheet
893Kb / 16P
Bottom-side cooled 100 V E-mode GaN transistor
Rev 200402
GS61008T GAN-GS61008T Datasheet
1Mb / 17P
Top-side cooled 100 V E-mode GaN transistor
Rev 200402
GS66502B GAN-GS66502B Datasheet
949Kb / 14P
Bottom-side cooled 650 V E-mode GaN transistor
Rev 200402
GS66504B GAN-GS66504B Datasheet
975Kb / 14P
Bottom-side cooled 650 V E-mode GaN transistor
Rev 200402
GS66506T GAN-GS66506T Datasheet
1,012Kb / 15P
Top-side cooled 650 V E-mode GaN transistor
Rev 200402
GS66508T GAN-GS66508T Datasheet
1Mb / 17P
Top-side cooled 650 V E-mode GaN transistor
Rev 200402
GS66516B GAN-GS66516B Datasheet
1Mb / 16P
Bottom-side cooled 650 V E-mode GaN transistor
Rev 211025
GS66516T GAN-GS66516T Datasheet
1Mb / 17P
Top-side cooled 650 V E-mode GaN transistor
Rev 210727
logo
Teledyne Technologies I...
TDG100E90BEP TELEDYNE-TDG100E90BEP Datasheet
2Mb / 19P
Bottom-side cooled, 100V E-mode GaN transistor Product Specification
04-2020 Rev1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com