Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS66508B Datasheet(PDF) 3 Page - GaN Systems Inc.

Part # GS66508B
Description  Bottom-side cooled 650 V E-mode GaN transistor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAN [GaN Systems Inc.]
Direct Link  https://gansystems.com/
Logo GAN - GaN Systems Inc.

GS66508B Datasheet(HTML) 3 Page - GaN Systems Inc.

  GS66508B Datasheet HTML 1Page - GaN Systems Inc. GS66508B Datasheet HTML 2Page - GaN Systems Inc. GS66508B Datasheet HTML 3Page - GaN Systems Inc. GS66508B Datasheet HTML 4Page - GaN Systems Inc. GS66508B Datasheet HTML 5Page - GaN Systems Inc. GS66508B Datasheet HTML 6Page - GaN Systems Inc. GS66508B Datasheet HTML 7Page - GaN Systems Inc. GS66508B Datasheet HTML 8Page - GaN Systems Inc. GS66508B Datasheet HTML 9Page - GaN Systems Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
GS66508B
Bottom-side cooled 650 V E-mode GaN transistor
Datasheet
Rev 200402
© 2009-2020 GaN Systems Inc.
3
Submit datasheet feedback
Electrical Characteristics (Typical values at TJ = 25 °C , VGS = 6 V unless otherwise noted)
Parameters
Sym. Min. Typ. Max. Units Conditions
Drain-to-Source Blocking Voltage
V(BL)DSS
650
V
VGS = 0 V, IDSS = 50
µA
Drain-to-Source On Resistance
RDS(on)
50
63
m
VGS = 6 V, TJ = 25 °C
IDS = 9 A
Drain-to-Source On Resistance
RDS(on)
129
m
VG = 6 V, TJ = 150 °C
IDS = 9 A
Gate-to-Source Threshold
VGS(th)
1.1
1.7
2.6
V
VDS = VGS, IDS = 7 mA
Gate-to-Source Current
IGS
160
µA
VGS = 6 V, VDS = 0 V
Gate Plateau Voltage
Vplat
3
V
VDS = 400 V, IDS = 30 A
Drain-to-Source Leakage Current
IDSS
2
50
µA
VDS = 650 V, VGS = 0 V
TJ = 25 °C
Drain-to-Source Leakage Current
IDSS
400
µA
VDS = 650 V, VGS = 0 V
TJ = 150 °C
Internal Gate Resistance
RG
1.1
f = 5 MHz, open drain
Input Capacitance
CISS
242
pF
VDS = 400 V
VGS = 0 V
f = 100 kHz
Output Capacitance
COSS
65
pF
Reverse Transfer Capacitance
CRSS
1.5
pF
Effective Output Capacitance,
Energy Related (Note 4)
CO(ER)
100
pF
VGS = 0 V
VDS = 0 to 400 V
Effective Output Capacitance,
Time Related (Note 5)
CO(TR)
160
pF
Total Gate Charge
QG
6.1
nC
VGS = 0 to 6 V
VDS = 400 V
Gate-to-Source Charge
QGS
1.7
nC
Gate-to-Drain Charge
QGD
2.2
nC
Output Charge
QOSS
64
nC
VGS = 0 V, VDS = 400 V
Reverse Recovery Charge
QRR
0
nC
(4) CO(ER) is the fixed capacitance that would give the same stored energy as COSS while VDS is rising from 0 V to the stated VDS
(5) CO(TR) is the fixed capacitance that would give the same charging time as COSS while VDS is rising from 0 V to the stated VDS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com