Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSF0204 Datasheet(PDF) 3 Page - Nexperia B.V. All rights reserved

Part # LSF0204
Description  4-bit bidirectional multi-voltage level translator; open-drain; push-pull
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

LSF0204 Datasheet(HTML) 3 Page - Nexperia B.V. All rights reserved

  LSF0204 Datasheet HTML 1Page - Nexperia B.V. All rights reserved LSF0204 Datasheet HTML 2Page - Nexperia B.V. All rights reserved LSF0204 Datasheet HTML 3Page - Nexperia B.V. All rights reserved LSF0204 Datasheet HTML 4Page - Nexperia B.V. All rights reserved LSF0204 Datasheet HTML 5Page - Nexperia B.V. All rights reserved LSF0204 Datasheet HTML 6Page - Nexperia B.V. All rights reserved LSF0204 Datasheet HTML 7Page - Nexperia B.V. All rights reserved LSF0204 Datasheet HTML 8Page - Nexperia B.V. All rights reserved LSF0204 Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
Nexperia
LSF0204
4-bit bidirectional multi-voltage level translator; open-drain; push-pull
6.2. Pin description
Table 2. Pin description
Pin
Symbol
TSSOP14
XQFN12
Description
refA
1
1
reference voltage A (EN input circuit is referenced to refA)
A1, A2, A3, A4
2, 3, 4, 5
2, 3, 4, 5
data input/output A
n.c.
6, 9
-
not connected
GND
7
6
ground (0 V)
EN
8
12
enable input (active HIGH)
B1, B2, B3, B4
13, 12, 11, 10
10, 9, 8, 7
data input/output B
refB
14
11
reference voltage B
7. Functional description
Table 3. Function table
H = HIGH voltage level; L = LOW voltage level; Z = high-impedance OFF-state.
Input
input/output
EN[1]
An, Bn channel
H
An = Bn
L
Z
[1] EN input circuit is referenced to refA
8. Limiting values
Table 4. Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134). Voltages are referenced to GND (ground = 0 V).
Symbol Parameter
Conditions
Min
Max
Unit
VI
input voltage
pins refA, refB, An, Bn and EN
[1]
-0.5
+7.0
V
II/O
input/ouput current
pins refA, refB, An and Bn;
continuous channel current
-
+128
mA
IIK
input clamping current
VI < 0 V
-50
-
mA
Tstg
storage temperature
-65
+150
°C
TSSOP14 package
[2]
-
500
mW
Ptot
total power dissipation
XQFN12 package
-
250
mW
[1] The minimum input voltage rating may be exceeded if the input current rating is observed.
[2] For SOT402-1 (TSSOP14) package: Ptot derates linearly with 7.3 mW/K above 81 °C.
LSF0204
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2020. All rights reserved
Product data sheet
Rev. 2 — 28 October 2020
3 / 14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com