Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSF0204 Datasheet(PDF) 8 Page - Nexperia B.V. All rights reserved

Part # LSF0204
Description  4-bit bidirectional multi-voltage level translator; open-drain; push-pull
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

LSF0204 Datasheet(HTML) 8 Page - Nexperia B.V. All rights reserved

Back Button LSF0204 Datasheet HTML 4Page - Nexperia B.V. All rights reserved LSF0204 Datasheet HTML 5Page - Nexperia B.V. All rights reserved LSF0204 Datasheet HTML 6Page - Nexperia B.V. All rights reserved LSF0204 Datasheet HTML 7Page - Nexperia B.V. All rights reserved LSF0204 Datasheet HTML 8Page - Nexperia B.V. All rights reserved LSF0204 Datasheet HTML 9Page - Nexperia B.V. All rights reserved LSF0204 Datasheet HTML 10Page - Nexperia B.V. All rights reserved LSF0204 Datasheet HTML 11Page - Nexperia B.V. All rights reserved LSF0204 Datasheet HTML 12Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
Nexperia
LSF0204
4-bit bidirectional multi-voltage level translator; open-drain; push-pull
Tamb = -40 °C to +125 °C
Symbol Parameter
Conditions
Min
Typ[1]
Max
Unit
VrefA = VI(EN) = 1.2 V; VrefB = 1.8 V;
VI = 1.2 V; VM = 0.6 V; RL = 100 Ω
CL = 15 pF
-
100
-
MHz
CL = 30 pF
-
100
-
MHz
fmax
maximum frequency
CL = 50 pF
-
80
-
MHz
[1] All typical values are measured at Tamb = 25 °C.
11.1. Waveforms and test circuit
aaa-031589
input An, Bn
output Bn, An
tPHL
tPLH
0 V
VI
VM
VM
VM
VM
VOH
VOL
Measurement points are given in Table 8.
Logic levels: VOL and VOH are typical output voltage levels that occur with the output load.
Fig. 5. The data input (An, Bn) to output (Bn, An) propagation delay times
aaa-031590
outputs
disabled
outputs
enabled
outputs
enabled
VM
VM
VM
10 %
VI
0 V
VOH
VOL
EN input
An, Bn output
LOW-to-OFF
OFF-to-LOW
tPZL
tPLZ
Measurement points are given in Table 8.
Logic levels: VOL and VOH are typical output voltage levels that occur with the output load.
Fig. 6. The enable (EN) to output (An, Bn) propagation delay times
LSF0204
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2020. All rights reserved
Product data sheet
Rev. 2 — 28 October 2020
8 / 14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com