Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSF0204 Datasheet(PDF) 10 Page - Nexperia B.V. All rights reserved

Part # LSF0204
Description  4-bit bidirectional multi-voltage level translator; open-drain; push-pull
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

LSF0204 Datasheet(HTML) 10 Page - Nexperia B.V. All rights reserved

Back Button LSF0204 Datasheet HTML 6Page - Nexperia B.V. All rights reserved LSF0204 Datasheet HTML 7Page - Nexperia B.V. All rights reserved LSF0204 Datasheet HTML 8Page - Nexperia B.V. All rights reserved LSF0204 Datasheet HTML 9Page - Nexperia B.V. All rights reserved LSF0204 Datasheet HTML 10Page - Nexperia B.V. All rights reserved LSF0204 Datasheet HTML 11Page - Nexperia B.V. All rights reserved LSF0204 Datasheet HTML 12Page - Nexperia B.V. All rights reserved LSF0204 Datasheet HTML 13Page - Nexperia B.V. All rights reserved LSF0204 Datasheet HTML 14Page - Nexperia B.V. All rights reserved  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
Nexperia
LSF0204
4-bit bidirectional multi-voltage level translator; open-drain; push-pull
12. Package outline
UNIT
A1
A2
A3
bp
c
D (1)
E (2)
(1)
e
HE
L
Lp
Q
Z
y
w
v
θ
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
JEITA
mm
0.15
0.05
0.95
0.80
0.30
0.19
0.2
0.1
5.1
4.9
4.5
4.3
0.65
6.6
6.2
0.4
0.3
0.72
0.38
8
0
o
o
0.13
0.1
0.2
1
DIMENSIONS (mm are the original dimensions)
Notes
1. Plastic or metal protrusions of 0.15 mm maximum per side are not included.
2. Plastic interlead protrusions of 0.25 mm maximum per side are not included.
0.75
0.50
SOT402-1
MO-153
99-12-27
03-02-18
w M
bp
D
Z
e
0.25
1
7
14
8
θ
A
A1
A2
Lp
Q
detail X
L
(A )
3
HE
E
c
v M A
X
A
y
0
2.5
5 mm
scale
TSSOP14: plastic thin shrink small outline package; 14 leads; body width 4.4 mm
SOT402-1
A
max.
1.1
pin 1 index
Fig. 8. Package outline SOT402-1 (TSSOP14)
LSF0204
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2020. All rights reserved
Product data sheet
Rev. 2 — 28 October 2020
10 / 14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com