Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSF0204 Datasheet(PDF) 9 Page - Nexperia B.V. All rights reserved

Part # LSF0204
Description  4-bit bidirectional multi-voltage level translator; open-drain; push-pull
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

LSF0204 Datasheet(HTML) 9 Page - Nexperia B.V. All rights reserved

Back Button LSF0204 Datasheet HTML 5Page - Nexperia B.V. All rights reserved LSF0204 Datasheet HTML 6Page - Nexperia B.V. All rights reserved LSF0204 Datasheet HTML 7Page - Nexperia B.V. All rights reserved LSF0204 Datasheet HTML 8Page - Nexperia B.V. All rights reserved LSF0204 Datasheet HTML 9Page - Nexperia B.V. All rights reserved LSF0204 Datasheet HTML 10Page - Nexperia B.V. All rights reserved LSF0204 Datasheet HTML 11Page - Nexperia B.V. All rights reserved LSF0204 Datasheet HTML 12Page - Nexperia B.V. All rights reserved LSF0204 Datasheet HTML 13Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
Nexperia
LSF0204
4-bit bidirectional multi-voltage level translator; open-drain; push-pull
aaa-031591
tf
10 %
10 %
90 %
90 %
90 %
10 %
10 %
VI
0 V
VI
negative
pulse
positive
pulse
0 V
90 %
tr
tr
tf
a. VI source waveform
aaa-031592
An
Bn
VEXT
VO
LSF0204
EN
refA
400 kΩ
VrefA
refB
VrefB
VI
CL
1 MΩ
S1
S2
RL
Measurement
tPHL/tPLH, fmax
switch
S1
S2
S1
tPHL/tPLH, fmax
tPZL/tPLZ
Translating up
Translating down
Translating up/down
b. Test circuit
Test data is given in Table 8; The An and Bn pins may be exchanged.
All input pulses are supplied by generators having the following characteristics: PRR ≤ 10 MHz; ZO = 50 Ω.
Definitions test circuit: CL = Load capacitance including jig and probe capacitance; RL = Load resistance;
S1/S2 = Test selection switch.
Fig. 7. Test circuit for measuring switching times
Table 8. Test data
Input
Load
RL
VEXT
tr, tf
CL
tPLH , tPHL, tPLZ, tPZL
fmax
tPLH, tPHL, fmax
tPLZ, tPZL [1]
≤ 2 ns
15 pF, 30 pF, 50 pF
500 Ω
100 Ω
VrefB
VrefA, VrefB
[1] For measuring tPLZ, tPZL (translating up) VEXT = VrefB.
For measuring tPLZ, tPZL (translating down) VEXT = VrefA.
LSF0204
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2020. All rights reserved
Product data sheet
Rev. 2 — 28 October 2020
9 / 14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com