Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSF0204 Datasheet(PDF) 11 Page - Nexperia B.V. All rights reserved

Part # LSF0204
Description  4-bit bidirectional multi-voltage level translator; open-drain; push-pull
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

LSF0204 Datasheet(HTML) 11 Page - Nexperia B.V. All rights reserved

Back Button LSF0204 Datasheet HTML 6Page - Nexperia B.V. All rights reserved LSF0204 Datasheet HTML 7Page - Nexperia B.V. All rights reserved LSF0204 Datasheet HTML 8Page - Nexperia B.V. All rights reserved LSF0204 Datasheet HTML 9Page - Nexperia B.V. All rights reserved LSF0204 Datasheet HTML 10Page - Nexperia B.V. All rights reserved LSF0204 Datasheet HTML 11Page - Nexperia B.V. All rights reserved LSF0204 Datasheet HTML 12Page - Nexperia B.V. All rights reserved LSF0204 Datasheet HTML 13Page - Nexperia B.V. All rights reserved LSF0204 Datasheet HTML 14Page - Nexperia B.V. All rights reserved  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
Nexperia
LSF0204
4-bit bidirectional multi-voltage level translator; open-drain; push-pull
References
Outline
version
European
projection
Issue date
IEC
JEDEC
JEITA
SOT1174-1
- - -
MO-288
- - -
sot1174-1_po
Unit(1)
mm
max
nom
min
0.5 0.05
0.00
0.25
0.20
0.15
1.8
1.7
1.6
2.1
2.0
1.9
0.4
1.6
0.55
0.50
0.45
0.05
A
Dimensions
Note
1. Plastic or metal protrusions of 0.075 mm maximum per side are not included.
XQFN12: plastic, extremely thin quad flat package; no leads;
12 terminals; body 1.70 x 2.00 x 0.50 mm
SOT1174-1
A1
0.127
A3
D
b
E
e
e1
L
0.15
L1
v
0.1
w
0.05
y
0.05
y1
0
1
2 mm
scale
C
y
C
y1
terminal 1
index area
e1
b
L1
L
A
C
B
∅ v
C
∅ w
e
5
7
1
11
B
A
D
E
terminal 1
index area
X
detail X
A
A1
A3
10-04-07
10-04-21
Fig. 9. Package outline SOT1174-1 (XQFN12)
LSF0204
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2020. All rights reserved
Product data sheet
Rev. 2 — 28 October 2020
11 / 14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com