Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSF0204 Datasheet(PDF) 4 Page - Nexperia B.V. All rights reserved

Part # LSF0204
Description  4-bit bidirectional multi-voltage level translator; open-drain; push-pull
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

LSF0204 Datasheet(HTML) 4 Page - Nexperia B.V. All rights reserved

  LSF0204 Datasheet HTML 1Page - Nexperia B.V. All rights reserved LSF0204 Datasheet HTML 2Page - Nexperia B.V. All rights reserved LSF0204 Datasheet HTML 3Page - Nexperia B.V. All rights reserved LSF0204 Datasheet HTML 4Page - Nexperia B.V. All rights reserved LSF0204 Datasheet HTML 5Page - Nexperia B.V. All rights reserved LSF0204 Datasheet HTML 6Page - Nexperia B.V. All rights reserved LSF0204 Datasheet HTML 7Page - Nexperia B.V. All rights reserved LSF0204 Datasheet HTML 8Page - Nexperia B.V. All rights reserved LSF0204 Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
Nexperia
LSF0204
4-bit bidirectional multi-voltage level translator; open-drain; push-pull
9. Recommended operating conditions
Table 5. Recommended operating conditions
Symbol Parameter
Conditions
Min
Max
Unit
VI
input voltage
pins refA, refB, An, Bn and EN
0.0
5.0
V
II/O
input/ouput current
pins refA, refB, An and Bn;
continuous channel current
-
+64
mA
Tamb
ambient temperature
-40
+125
°C
Δt/ΔV
input transition rise and fall rate
EN input
-
10
ns/V
10. Static characteristics
Table 6. Static characteristics
At recommended operating conditions voltages are referenced to GND (ground = 0 V).
Tamb = -40 °C to +125 °C
Symbol Parameter
Conditions
Min
Typ [1]
Max
Unit
VIK
input clamping
voltage
VI(EN) = 0 V; II = -18 mA
-1.2
-
-
V
IIH
HIGH-level
input current
VI = 5 V; VI(EN) = 0 V
-
-
5
μA
II
input current
EN input; VrefA = 4.5 V; VrefB = 5.5 V; VI(EN) = 0 V to VrefA;
IO = 0 A
-
-
±1
μA
EN input
VrefA = 1.5 V to 4.5 V
0.7VrefA
-
-
V
VIH
HIGH-level
input voltage
VrefA = 1.0 V to 1.5 V
0.8VrefA
-
-
V
EN input
VrefA = 1.5 V to 4.5 V
-
-
0.3VrefA V
VIL
LOW-level
input voltage
VrefA = 1.0 V to 1.5 V
-
-
0.3VrefA V
IrefB-A
leakage
current
refB to refA
VrefA = VI(EN) = 1.8 V; VrefB = 3.3 V; IO = 0 A;
VI = 3.3 V or GND
-
-
3.5
μA
IGND
ground current VrefA = VI(EN) = 1.8 V; VrefB = 3.3 V; IO = 0 A;
VI = 3.3 V or GND
-
0.2
-
μA
IOFF
power-off
leakage
current
VrefA = VrefB = VI(EN) = 0 V; IO = 0 A; VI = 5 V or GND
-
-
±1
μA
CI
input
capacitance
pins refA, refB and EN; VI = 3 V or 0 V
-
7
-
pF
Cio(off)
OFF-state
input/output
capacitance
pins An, Bn; VO = 0 V or 3 V; VI(EN) = 0 V
-
3
6
pF
Cio(on)
ON-state
input/output
capacitance
pins An, Bn; VO = 0 V or 3 V; VI(EN) = 3.0 V
-
8
13
pF
LSF0204
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2020. All rights reserved
Product data sheet
Rev. 2 — 28 October 2020
4 / 14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com