Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC1100 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # SC1100
Description  Geode??Information Appliance On a Chip
PDF  348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

SC1100 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  SC1100 Datasheet HTML 1Page - National Semiconductor (TI) SC1100 Datasheet HTML 2Page - National Semiconductor (TI) SC1100 Datasheet HTML 3Page - National Semiconductor (TI) SC1100 Datasheet HTML 4Page - National Semiconductor (TI) SC1100 Datasheet HTML 5Page - National Semiconductor (TI) SC1100 Datasheet HTML 6Page - National Semiconductor (TI) SC1100 Datasheet HTML 7Page - National Semiconductor (TI) SC1100 Datasheet HTML 8Page - National Semiconductor (TI) SC1100 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 348 page
background image
www.national.com
2
Revision 1.1
Features
General Features
■ 32-bit x86 processor, up to 300 MHz, with MMX instruc-
tion set support
■ Memory controller with 64-bit SDRAM interface
■ PC/AT functionality
■ PCI bus controller
■ IDE interface, two channels
■ USB, three ports, OHCI (OpenHost Controller Interface)
version 1.0 compliant
■ Audio, AC97/AMC97 version 2.0 compliant
■ National’s Virtual System Architecture® technology
(VSA™) support
■ Power management, ACPI (Advanced Configuration
Power Interface) version 1.0 compliant
■ Package:
— 388-Terminal TEPBGA (Thermally Enhanced Plastic
Ball Grid Array)
GX1 Processor Module
■ CPU Core:
— 32-bit x86 processor, up to 300 MHz, with MMX
instruction set support
— 16 KB unified L1 cache
— Integrated Floating Point Unit (FPU)
— Re-entrant SMM (System Management Mode)
enhanced for VSA
■ Memory Controller:
— 64-bit SDRAM interface
— 78 to 100 MHz frequency range
— Direct interface with CPU/cache
— Supports clock suspend and power-down/self-
refresh
— Up to 8 SDRAM devices or one DIMM/SODIMM
Core Logic Module
■ Audio Codec Interface:
— AC97/AMC97 (Rev. 2.0) codec interface
— Legacy audio emulation using XpressAUDIO
— Six DMA channels
■ PC/AT Functionality:
— Programmable Interrupt Controller (PIC), 8259A-
equivalent
— Programmable Interval Timer (PIT), 8254-equivalent
— DMA Controller (DMAC), 8237-equivalent
■ Power Management:
— ACPI 1.0 compliant
— Sx state control of three power planes
— Cx/Sx state control of clocks and PLLs
— Thermal event input
— Wakeup event support:
– Three general-purpose events
– UART RI# signal
– Infrared (IR) event
■ General Purpose I/Os (GPIOs):
— Six (6) dedicated GPIO signals
— 24 multiplexed GPIO signals
■ Low Pin Count (LPC) Bus Interface:
— Specification version 1.0 compatible
■ PCI Bus Interface:
— PCI version 2.1 compliant with wakeup capability
— 32-bit data path, up to 33 MHz
— Glueless interface for an external PCI device
— Supports four PCI bus master devices
— Supports four PCI interrupts
— Rotating priority
— 3.3V signal support only
■ Sub-ISA Bus Interface:
— Supports up to four chip selects for external memory
devices
– Up to 16 MB addressing
– Supports a chip select for ROM or Flash EPROM
boot device, up to 16 MB
– A chip select for one of:
–
M-Systems’ DiskOnChip DOC2000 Flash file
system
–
NAND EEPROM
— Supports up to two chip selects for external I/O
devices
– 8-bit (optional 16-bit) data bus width
– Cycle multiplexed with PCI signals
– Is not the subtractive decode agent
■ IDE Interface:
— Two IDE channels for up to four external IDE devices
— Supports ATA-33 synchronous DMA mode transfers,
up to 33 MB/s
■ Universal Serial Bus (USB):
— USB OpenHCI 1.0 compliant
— Three ports



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com