Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC1100 Datasheet(PDF) 34 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # SC1100
Description  Geode??Information Appliance On a Chip
PDF  348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

SC1100 Datasheet(HTML) 34 Page - National Semiconductor (TI)

Back Button SC1100 Datasheet HTML 30Page - National Semiconductor (TI) SC1100 Datasheet HTML 31Page - National Semiconductor (TI) SC1100 Datasheet HTML 32Page - National Semiconductor (TI) SC1100 Datasheet HTML 33Page - National Semiconductor (TI) SC1100 Datasheet HTML 34Page - National Semiconductor (TI) SC1100 Datasheet HTML 35Page - National Semiconductor (TI) SC1100 Datasheet HTML 36Page - National Semiconductor (TI) SC1100 Datasheet HTML 37Page - National Semiconductor (TI) SC1100 Datasheet HTML 38Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 348 page
background image
www.national.com
34
Revision 1.1
Signal Definitions (Continued)
Table 2-6. Three-Signal/Group Multiplexing
Ball No.
Default
Alternate1
Alternate2
Signal
Configuration
Signal
Configuration
Signal
Configuration
---
Sub-ISA
GPIO
Sub-ISA
C22
IOW#
PMR[2] = 0 and
PMR[21] = 0
GPIO15
PMR[2] =1 and
PMR[21] = 0
DOCW#
PMR[2] = 1 and
PMR[21] = 1
---
Infrared
Internal Test
C20
IRTX
PMR[6] = 0 and
PMR[29] = x
GXCLK
PMR[6] = 1 and
PMR[29] = 0
TEST3
PMR[6] = 1 and
PMR[29] = 1
---
GPIO
Sub-ISA
Sub-ISA
B23
GPIO17
PMR[5] = 0 and
PMR[9] = 0
IOCS0#
PMR[5] = 1 and
PMR[9] = 0
IOCHRDY1
PMR[5] = 1 and
PMR[9] = 1
AF19
GPIO11
PMR[18] = 0 and
PMR[8] = 0
RI2
PMR[18] = 1 and
PMR[8] = 0
IRQ153
PMR[18] = 0 and
PMR[8] = 1
---
GPIO
ACCESS.bus
FPCI Monitoring
AE23
GPIO124
PMR[19] = 0
AB2C5
PMR[19] = 1
F_AD3
PMR[27] = 1
AD23
GPIO13
AB2D5
F_AD4
---
GPIO
Internal Test
FPCI Monitoring
B20
GPIO40
PMR[28] = 0 and
PMR[27] = 1 or
FPC_MON = 1
SDTEST5
PMR[28] = 1 and
PMR[27] = 1 or
FPC_MON = 1
F_AD6
PMR[27] = 1 or
FPC_MON = 1
(overrides PMR[28])
AA24
GPIO41
PMR[29] = 0 and
PMR[27] = 1 or
FPC_MON = 1
TEST0
PMR[29] = 1 and
PMR[27] = 1 or
FPC_MON = 1
F_C/BE0#
PMR[27] = 1 or
FPC_MON = 1
(overrides PMR[29])
1.
IOCHRDY input: If selected but not used, should be tied high.
2.
RI# input: If selected but not used, should be tied high.
3.
IRQ15 input: If selected but not used, should be tied low.
4.
GPIO12 input: If selected but not used, should be tied low. This is true for all GPIOs in this device.
5.
AB2C, AB2D inputs: If selected but not used, should be tied high.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com