Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC1100 Datasheet(PDF) 13 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # SC1100
Description  Geode??Information Appliance On a Chip
PDF  348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

SC1100 Datasheet(HTML) 13 Page - National Semiconductor (TI)

Back Button SC1100 Datasheet HTML 9Page - National Semiconductor (TI) SC1100 Datasheet HTML 10Page - National Semiconductor (TI) SC1100 Datasheet HTML 11Page - National Semiconductor (TI) SC1100 Datasheet HTML 12Page - National Semiconductor (TI) SC1100 Datasheet HTML 13Page - National Semiconductor (TI) SC1100 Datasheet HTML 14Page - National Semiconductor (TI) SC1100 Datasheet HTML 15Page - National Semiconductor (TI) SC1100 Datasheet HTML 16Page - National Semiconductor (TI) SC1100 Datasheet HTML 17Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 348 page
background image
Revision 1.1
13
www.national.com
Architecture Overview (Continued)
1.1.7.3
Slave PCI Burst Length Control
The name of this bit differs from that described in the GX1
Processor Series datasheet. There, it is called SDBE. Oth-
erwise, the functionality is the same as the standalone GX1
processor, See Table 1-2.
1.1.7.4
Scratchpad Size Control
The GX1 Processor Series datasheet allows additional
sizes of 3 KB and 4 KB, which are disallowed in the
SC1100, see Table 1-3.
1.1.7.5
Disable Virtual VGA
The registers detailed in Table 1-4 must be set as indicated
in order for the SC1100 to function properly.
1.1.7.6
Disable Display Controller
In order for the SC1100 to function correctly, the Display
Controller
Configuration
and
Status
registers
(GX_BASE+Offset 8300h-830Fh) must all be set with 0s.
Table 1-2. Slave PCI Burst Length Control
Bit
Description
Index 41h
PCI Control Function 2 Register (R/W)
Reset Value: 96h
Width: Byte
1
Slave Disconnect Boundary Enable (SDBE1): GX1 as a PCI slave:
Works in conjunction with bit 0 of the MCR register. For details see Section 3.2 on page 50.
Note:
When Slave Disconnect Boundary is disabled for Write, the cache should use Write Through Mode instead of
Write Back Mode. The Write Through Mode implies some overall performance degradation since all Writes go to
Memory. If the Write back Mode is used in this case, the cache coherency cannot be guaranteed.
Table 1-3. Scratchpad Size Control
Bit
Description
Index B8h
Graphics Control Register (R/W)
Reset Value: 00h
Width: Byte
3:2
Scratchpad Size: Specifies the size of the scratchpad cache. Either a 0 KB or a 2 KB Scratchpad Size must be chosen.
For details, see the GX1 Processor Series datasheet.
Table 1-4. Disable Virtual VGA
Bit
Description
Index 20h
PCR0: Performance Control 0 Register (R/W)
Reset Value: 07h
Width: Byte
5
VGA Memory Write SMI Generation (VGAMWSI). Must be set to 0.
Index B9h
VGACTL Register (R/W)
Reset Value: 00h
Width: Byte
2
SMI generation for VGA memory range B8000h to BFFFFh. Must be set to 0.
1
SMI generation for VGA memory range B0000h to B7FFFh. Must be set to 0.
0
SMI generation for VGA memory range A0000h to AFFFFh. Must be set to 0.
Index BAh-BDh
VGAM Register (R/W)
Reset Value: xxxxxxxxh
Width: DWORD
31:0
SMI generation for address range A0000h to AFFFFh. Must be set to all 0s.
Gx Based + Offset 8004h - 8007h
BC_XMAP_1 Register (R/W)
Reset Value: 00000000h
Width: DWORD
28
Graphics Enable for B8 Region (GEB8). Must be set to 0.
20
Graphics Enable for B0 Region (GEB0). Must be set to 0.
15
SMID: All I/O accesses for address range 3D0h to 3DFh generate an SMI. Must be set to 0.
14
SMIC: All I/O accesses for address range 3C0h to 3CFh generate an SMI. Must be set to 0.
13
SMIB: All I/O accesses for address range 3B0h to 3BFh generate an SMI. Must be set to 0.
4
Graphics Enable for A Region (GEA). Must be set to 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com