Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC1100 Datasheet(PDF) 39 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # SC1100
Description  Geode??Information Appliance On a Chip
PDF  348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

SC1100 Datasheet(HTML) 39 Page - National Semiconductor (TI)

Back Button SC1100 Datasheet HTML 35Page - National Semiconductor (TI) SC1100 Datasheet HTML 36Page - National Semiconductor (TI) SC1100 Datasheet HTML 37Page - National Semiconductor (TI) SC1100 Datasheet HTML 38Page - National Semiconductor (TI) SC1100 Datasheet HTML 39Page - National Semiconductor (TI) SC1100 Datasheet HTML 40Page - National Semiconductor (TI) SC1100 Datasheet HTML 41Page - National Semiconductor (TI) SC1100 Datasheet HTML 42Page - National Semiconductor (TI) SC1100 Datasheet HTML 43Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 348 page
background image
Revision 1.1
39
www.national.com
Signal Definitions (Continued)
C/BE3#
V26
I/O
Multiplexed Command and Byte Enables. During the
address phase of a transaction when FRAME# is active,
C/BE[3:0]# define the bus command. During the data
phase, C/BE[3:0]# are used as byte enables. The byte
enables are valid for the entire data phase and determine
which byte lanes carry meaningful data. C/BE0# applies
to byte 0 (LSB) and C/BE3# applies to byte 3 (MSB).
D11
C/BE2#
R26
D10
C/BE1#
G24
D9
C/BE0#
E24
D8
INTA#
AD26
I
PCI Interrupts. The SC1100 provides inputs for the
optional “level-sensitive” PCI interrupts (also known in
industry terms as PIRQx#). These interrupts can be
mapped to IRQs of the internal 8259A interrupt control-
lers using PCI Interrupt Steering Registers 1 and 2
(F0 Index 5Ch and 5Dh).
---
INTB#
W24
---
INTC#
Y24
GPIO19
INTD#
V24
---
PAR
H24
I/O
Parity. Parity generation is required by all PCI agents.
The master drives PAR for address- and write-data
phases. The target drives PAR for read-data phases. Par-
ity is even across AD[31:0] and C/BE[3:0]#.
For address phases, PAR is stable and valid one PCI
clock after the address phase. It has the same timing as
AD[31:0] but is delayed by one PCI clock.
For data phases, PAR is stable and valid one PCI clock
after either IRDY# is asserted on a write transaction or
after TRDY# is asserted on a read transaction.
Once PAR is valid, it remains valid until one PCI clock
after the completion of the data phase. (Also see
PERR#.)
D12
FRAME#
P25
I/O
Frame Cycle. Frame is driven by the current master to
indicate the beginning and duration of an access.
FRAME# is asserted to indicate the beginning of a bus
transaction. While FRAME# is asserted, data transfers
continue. FRAME# is deasserted when the transaction is
in the final data phase.
---
IRDY#
P26
I/O
Initiator Ready. IRDY# is asserted to indicate that the
bus master is able to complete the current data phase of
the transaction. IRDY# is used in conjunction with
TRDY#. A data phase is completed on any PCI clock in
which both IRDY# and TRDY# are sampled as asserted.
During a write, IRDY# indicates that valid data is present
on AD[31:0]. During a read, it indicates that the master is
prepared to accept data. Wait cycles are inserted until
both IRDY# and TRDY# are asserted together.
D14
TRDY#
N25
I/O
Target Ready. TRDY# is asserted to indicate that the tar-
get agent is able to complete the current data phase of
the transaction. TRDY# is used in conjunction with
IRDY#. A data phase is complete on any PCI clock in
which both TRDY# and IRDY# are sampled as asserted.
During a read, TRDY# indicates that valid data is present
on AD[31:0]. During a write, it indicates that the target is
prepared to accept data. Wait cycles are inserted until
both IRDY# and TRDY# are asserted together.
D13
2.4.4
PCI Bus Interface Signals (Continued)
Signal Name
Ball No.
Type
Description
Mux



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com