Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC1100 Datasheet(PDF) 49 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # SC1100
Description  Geode??Information Appliance On a Chip
PDF  348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

SC1100 Datasheet(HTML) 49 Page - National Semiconductor (TI)

Back Button SC1100 Datasheet HTML 45Page - National Semiconductor (TI) SC1100 Datasheet HTML 46Page - National Semiconductor (TI) SC1100 Datasheet HTML 47Page - National Semiconductor (TI) SC1100 Datasheet HTML 48Page - National Semiconductor (TI) SC1100 Datasheet HTML 49Page - National Semiconductor (TI) SC1100 Datasheet HTML 50Page - National Semiconductor (TI) SC1100 Datasheet HTML 51Page - National Semiconductor (TI) SC1100 Datasheet HTML 52Page - National Semiconductor (TI) SC1100 Datasheet HTML 53Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 348 page
background image
Revision 1.1
49
www.national.com
3.0
General Configuration Block
The General Configuration Block (GCB) includes registers
for:
• Pin Multiplexing and Miscellaneous Configuration
• WATCHDOG Timer
• High-Resolution Timer
• Clock Generators
A selectable interrupt is shared by all these functions.
3.1
CONFIGURATION BLOCK ADDRESSES
Registers of the GCB are mapped in a 64-byte address
range which is mapped to I/O space. These registers are
physically connected to the internal Fast-PCI bus, but do
not have a register block in PCI configuration space (i.e.,
they do not appear to software as PCI registers).
After system reset, the Base Address register is located at
I/O address 02EAh. This address can be used only once.
Before accessing any PCI registers, the BOOT code must
program this 16-bit register to the I/O base address for the
General Configuration Block registers. All subsequent
writes to this address, are ignored until system reset.
Note:
Location of the General Configuration Block cannot
be determined by software. See the SC1100 Infor-
mation Appliance On a Chip device errata docu-
ment.
Reserved bits in the General Configuration block should
read as written unless otherwise specified.
Table 3-1.
Configuration Space Register Map
Offset
+0
+1
+2
+3
00h
WATCHDOG Timeout (WDTO)
WATCHDOG Configuration (WDCNFG)
04h
WATCHDOG Status
(WDSTS)
Reserved
08h
TIMER Value (TMVALUE)
0Ch
TIMER Status (TMSTS)
TIMER Config
(TMCNFG)
Reserved
10h
Maximum Core Clock
Multiplier (MCCM)
Reserved
PLL Power Control
(PPCR)
Reserved
14h
Reserved
18h
Clocks: PLL3C
1Ch
Reserved
Reserved
Core Clock Frequency (CCFC)
20h
Reserved
24h
28h
2Ch
30h
Pin Multiplexing (PMR)
34h
Miscellaneous Configuration (MCR)
38h
Interrupt Selection
(INTSEL)
Reserved
3Ch
IA On a Chip ID (IID)
Revision (REV)
Configuration Base Address (CBA)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com