Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC1100 Datasheet(PDF) 41 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # SC1100
Description  Geode??Information Appliance On a Chip
PDF  348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

SC1100 Datasheet(HTML) 41 Page - National Semiconductor (TI)

Back Button SC1100 Datasheet HTML 37Page - National Semiconductor (TI) SC1100 Datasheet HTML 38Page - National Semiconductor (TI) SC1100 Datasheet HTML 39Page - National Semiconductor (TI) SC1100 Datasheet HTML 40Page - National Semiconductor (TI) SC1100 Datasheet HTML 41Page - National Semiconductor (TI) SC1100 Datasheet HTML 42Page - National Semiconductor (TI) SC1100 Datasheet HTML 43Page - National Semiconductor (TI) SC1100 Datasheet HTML 44Page - National Semiconductor (TI) SC1100 Datasheet HTML 45Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 348 page
background image
Revision 1.1
41
www.national.com
Signal Definitions (Continued)
2.4.5
Sub-ISA Interface Signals
Signal Name
Ball No.
Type
Description
Mux
A[23:0]
See Table
2-3 on
page 27
O
Address Lines
AD[23:0]
D15
M25
I/O
Data Bus
STOP#
D14
P26
IRDY#
D13
N25
TRDY#
D12
H24
PAR
D11
V26
C/BE3#
D10
R26
C/BE2#
D9
G24
C/BE1#
D8
E24
C/BE0#
D[7:0]
Y25, R24,
Y26, W25,
P24, N24,
W26, V25
I/O
AD[31:24]
BHE#
N26
O
Byte High Enable. With A0, defines byte accessed for
16 bit wide bus cycles.
DEVSEL#
IOCS1#
D22
O
I/O Chip Selects
GPIO14+IOR#+
DOCR#
IOCS0#
B23
O
GPIO17+
IOCHRDY
ROMCS#
C23
O
ROM or Flash ROM Chip Select
BOOT16 (Strap)
DOCCS#
D21
O
DiskOnChip or NAND Flash Chip Select
GPIO20
F5BAR4CS#
B21
O
ROM or Flash ROM Chip Selects
GPIO2
F5BAR5CS#
A22
O
GPIO3
TRDE#
B22
O
Transceiver Data Enable Control. Active low for Sub-
ISA data transfers. The signal timing is as follows:
• In a read cycle, TRDE# has the same timing as
RD#.
• In a write cycle, TRDE# is asserted (to active low) at
the time WR# is asserted. It continues being
asserted for one PCI clock cycle after WR# has
been negated, then it is negated.
GPIO0
RD#
D23
O
Memory or I/O Read. Active on any read cycle.
CLKSEL0 (Strap)
WR#
C21
O
Memory or I/O Write. Active on any write cycle.
---
IOR#
D22
O
I/O Read. Active on any I/O read cycle.
GPIO14+IOCS1#
+DOCR#
IOW#
C22
O
I/O Write. Active on any I/O write cycle.
DOCW#+GPIO15
DOCR#
D22
O
DiskOnChip or NAND Flash Read. Active on any
memory read cycle to DiskOnChip.
GPIO14+IOCS1#
+IOR#
DOCW#
C22
O
DiskOnChip or NAND Flash Write. Active on any
memory write cycle to DiskOnChip.
IOW#+GPIO15
IOCHRDY
B23
I
I/O Channel Ready
GPIO17+IOCS0#



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com