Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GWIXP425BDT Datasheet(PDF) 81 Page - Intel Corporation

Part # GWIXP425BDT
Description  Intel짰 IXP42X Product Line of Network Processors and IXC1100 Control Plane Processor
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

GWIXP425BDT Datasheet(HTML) 81 Page - Intel Corporation

Back Button GWIXP425BDT Datasheet HTML 77Page - Intel Corporation GWIXP425BDT Datasheet HTML 78Page - Intel Corporation GWIXP425BDT Datasheet HTML 79Page - Intel Corporation GWIXP425BDT Datasheet HTML 80Page - Intel Corporation GWIXP425BDT Datasheet HTML 81Page - Intel Corporation GWIXP425BDT Datasheet HTML 82Page - Intel Corporation GWIXP425BDT Datasheet HTML 83Page - Intel Corporation GWIXP425BDT Datasheet HTML 84Page - Intel Corporation GWIXP425BDT Datasheet HTML 85Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 134 page
background image
Intel® IXP42X Product Line of Network Processors and IXC1100 Control Plane Processor
Datasheet
March 2005
Document Number: 252479, Revision: 005
81
4.3
Package Thermal Specifications
The thermal characterization parameter “
ΨJT” is proportional to the temperature difference
between the top, center of the package and the junction temperature.
This can be a useful value for verifying device temperatures in an actual environment. By
measuring the package of the device, the junction temperature can be estimated, if the thermal
characterization parameter has been measured under similar conditions.
The use of
ΨJT should not be confused with Θjc, which is the thermal resistance from the device
junction to the external surface of the package or case nearest the die attachment — as the case is
held at a constant temperature.
The case temperature can then be monitored to make sure that the maximum junction temperature
is not violated. Examples are given in the following sections.
Note:
For more information on
ΨJT, refer to the EIA/JEDEC Standard 51-2, Section 4.
4.3.1
Commercial Temperature
“Commercial” temperature range is defined in terms of the ambient temperature range, which is
specified as 0
° C to 70° C. The maximum power (P) is 2.4 W and the maximum junction
temperature (Tj) is 115
° C.
ΨJT for commercial temperature is 0.89° C/W.
Using the preceding junction-temperature formula, the commercial temperature for a 266 MHz
device — assuming a maximum power of 2 W — would be:
4.3.2
Extended Temperature
“Extended” temperature range is defined in terms of the ambient temperature range, which is
specified as -40
° C to 85° C. The maximum power (P) is 2.4 W and the maximum junction
temperature (Tj) is 115
° C.
ΨJT for extended temperature is 0.32° C/W.
Using the preceding junction-temperature formula, the extended temperature for a 533 MHz device
— assuming a maximum power of 2.4 W — would be:
Case temperature = Junction Temperature - (
ΨJT * Power Dissipation)
TJC = TJ - (ΨJT * Power Dissipation)
TJC = 115° C - (0.89 * 2.0)
TJC = 113.22° C
TJC = 115° C - (0.32 * 2.4)
TJC = 114.23° C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com