Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GWIXP425BDT Datasheet(PDF) 31 Page - Intel Corporation

Part # GWIXP425BDT
Description  Intel짰 IXP42X Product Line of Network Processors and IXC1100 Control Plane Processor
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

GWIXP425BDT Datasheet(HTML) 31 Page - Intel Corporation

Back Button GWIXP425BDT Datasheet HTML 27Page - Intel Corporation GWIXP425BDT Datasheet HTML 28Page - Intel Corporation GWIXP425BDT Datasheet HTML 29Page - Intel Corporation GWIXP425BDT Datasheet HTML 30Page - Intel Corporation GWIXP425BDT Datasheet HTML 31Page - Intel Corporation GWIXP425BDT Datasheet HTML 32Page - Intel Corporation GWIXP425BDT Datasheet HTML 33Page - Intel Corporation GWIXP425BDT Datasheet HTML 34Page - Intel Corporation GWIXP425BDT Datasheet HTML 35Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 134 page
background image
Intel® IXP42X Product Line of Network Processors and IXC1100 Control Plane Processor
Datasheet
March 2005
Document Number: 252479, Revision: 005
31
2.2.8
Fill Buffer (FB) and Pend Buffer (PB)
The four-entry fill buffer (FB) works with the core to hold non-cacheable loads until the bus
controller can act on them. The FB and the four-entry pend buffer (PB) work with the D-cache and
mini-data cache to provide “hit-under-miss” capability, allowing the core to seek other data in the
caches while “miss” data is being fetched from memory.
The FB can contain up to four unique “miss” addresses (logical), allowing four “misses” before the
core is stalled. The PB holds up to four addresses (logical) for additional “misses” to those
addresses that are already in the FB. A coprocessor register can specify draining of the fill and pend
(write) buffers.
2.2.9
Write Buffer (WB)
The write buffer (WB) holds data for storage to memory until the bus controller can act on it. The
WB is eight entries deep, where each entry holds 16 bytes. The WB is constantly enabled and
accepts data from the core, D-cache, or mini-data cache.
Coprocessor 15, Register 1 specifies whether WB coalescing is enabled or disabled. When
coalescing is disabled, stores to memory occur in program order regardless of the attribute bits
within the descriptors located in the DTLB. When coalescing is enabled, the attribute bits within
the descriptors located in the DTLB are examined to determine when coalescing is enabled for the
destination region of memory. When coalescing is enabled in both CP15, R1 and the DTLB, data
entering the WB can coalesce with any of the eight entries (16 bytes) and be stored to the
destination memory region, but possibly out of program order.
Stores to a memory region specified to be non-cacheable and non-bufferable by the attribute bits
within the descriptors located in the DTLB causes the core to stall until the store completes. A
coprocessor register can specify draining of the write buffer.
2.2.10
Multiply-Accumulate Coprocessor (CP0)
For efficient processing of high-quality, media-and-signal-processing algorithms, CP0 provides
40-bit accumulation of 16 x 16, dual-16 x 16 (SIMD), and 32 x 32 signed multiplies. Special MAR
and MRA instructions are implemented to move the 40-bit accumulator to two core-general
registers (MAR) and move two core-general registers to the 40-bit accumulator (MRA). The 40-bit
accumulator can be stored or loaded to or from D-cache, mini-data cache, or memory using two
STC or LDC instructions.
The 16 x 16 signed multiply-accumulates (MIAxy) multiply either the high/high, low/low, high/
low, or low/high 16 bits of a 32-bit core general register (multiplier) and another 32-bit core
general register (multiplicand) to produce a full, 32-bit product that is sign-extended to 40 bits and
added to the 40-bit accumulator.
Dual-signed, 16 x 16 (SIMD) multiply-accumulates (MIAPH) multiply the high/high and low/low
16-bits of a packed 32-bit, core-general register (multiplier) and another packed 32-bit, core-
general register (multiplicand) to produce two 16-bits products that are both sign-extended to
40 bits and added to the 40-bit accumulator.
The 32 x 32 signed multiply-accumulates (MIA) multiply a 32-bit, core-general register
(multiplier) and another 32-bit, core-general register (multiplicand) to produce a 64-bit product
where the 40 LSBs are added to the 40-bit accumulator. The 16 x 32 versions of the 32 x 32
multiply-accumulate instructions complete in a single cycle.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com