Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GWIXP425BDT Datasheet(PDF) 12 Page - Intel Corporation

Part # GWIXP425BDT
Description  Intel짰 IXP42X Product Line of Network Processors and IXC1100 Control Plane Processor
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

GWIXP425BDT Datasheet(HTML) 12 Page - Intel Corporation

Back Button GWIXP425BDT Datasheet HTML 8Page - Intel Corporation GWIXP425BDT Datasheet HTML 9Page - Intel Corporation GWIXP425BDT Datasheet HTML 10Page - Intel Corporation GWIXP425BDT Datasheet HTML 11Page - Intel Corporation GWIXP425BDT Datasheet HTML 12Page - Intel Corporation GWIXP425BDT Datasheet HTML 13Page - Intel Corporation GWIXP425BDT Datasheet HTML 14Page - Intel Corporation GWIXP425BDT Datasheet HTML 15Page - Intel Corporation GWIXP425BDT Datasheet HTML 16Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 134 page
background image
Intel® IXP42X Product Line of Network Processors and IXC1100 Control Plane Processor
March 2005
Datasheet
12
Document Number: 252479, Revision: 005
— 16 endpoints
• SDRAM interface
— 32-bit data
— 13-bit address
—133 MHz
— Up to eight open pages simultaneously maintained
— Programmable auto-refresh
— Programmable CAS/data delay
— Support for 8 MB, minimum, up to 256 MB maximum
• Expansion interface
— 24-bit address
— 16-bit data
— Eight programmable chip selects
— Supports Intel/Motorola* microprocessors
• Multiplexed-style bus cycles
• Simplex-style bus cycles
• DSP support for:
— Texas Instruments* DSPs supporting HPI-8 bus cycles
• Texas Instruments DSPs supporting HPI-16 bus cycles
• High-speed/Console UARTs
— 1,200 baud to 921 Kbaud
— 16550 compliant
— 64-byte Tx and Rx FIFOs
— CTS and RTS modem control signals
• Internal bus performance monitoring unit
— Seven 27-bit event counters
— Monitoring of internal bus occurrences and duration events
• 16 GPIOs
• Four internal timers
• Packaging
—492-pin PBGA
— Commercial temperature (0° to +70° C)
— Extended temperature (-40° to +85° C)
The following features can be enabled by software, consult the Intel® IXP400 Software
Programmer’s Guide to determine if a feature can be enabled for a particular product.
• Three network processor engines (NPEs)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com