Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GWIXP425BDT Datasheet(PDF) 97 Page - Intel Corporation

Part # GWIXP425BDT
Description  Intel짰 IXP42X Product Line of Network Processors and IXC1100 Control Plane Processor
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

GWIXP425BDT Datasheet(HTML) 97 Page - Intel Corporation

Back Button GWIXP425BDT Datasheet HTML 93Page - Intel Corporation GWIXP425BDT Datasheet HTML 94Page - Intel Corporation GWIXP425BDT Datasheet HTML 95Page - Intel Corporation GWIXP425BDT Datasheet HTML 96Page - Intel Corporation GWIXP425BDT Datasheet HTML 97Page - Intel Corporation GWIXP425BDT Datasheet HTML 98Page - Intel Corporation GWIXP425BDT Datasheet HTML 99Page - Intel Corporation GWIXP425BDT Datasheet HTML 100Page - Intel Corporation GWIXP425BDT Datasheet HTML 101Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 134 page
background image
Intel® IXP42X Product Line of Network Processors and IXC1100 Control Plane Processor
Datasheet
March 2005
Document Number: 252479, Revision: 005
97
5.5.2.3
UTOPIA-2
Figure 18.
UTOPIA-2 Input Timings
Table 46.
UTOPIA-2 Input Timings Values
Symbol
Parameter
Min.
Max.
Units
Notes
Tsetup
Input setup prior to rising edge of clock. Inputs
included in this timing are UTP_IP_DATA[7:0],
UTP_IP_SOC, AND UTP_IP_FCI, and
UTP_OP_FCI.
8ns
Thold
Input hold time after the rising edge of the clock.
Inputs included in this timing are
UTP_IP_DATA[7:0], UTP_IP_SOC, and
UTP_IP_FCI, and UTP_OP_FCI.
1ns
Figure 19.
UTOPIA-2 Output Timings
Table 47.
UTOPIA-2 Output Timings Values
Symbol
Parameter
Min.
Max.
Units
Notes
Tclk2out
Rising edge of clock to signal output. Outputs
included in this timing are UTP_IP_DATA[3:0],
UTP_OP_SOC, UTP_OP_FCO, UTP_IP_FCO,
UTP_OP_DATA[7:0], and UTP_OP_ADDR[3:0].
17
ns
1
Tholdout
Signal output hold time after the rising edge of
the clock. Outputs included in this timing are
UTP_IP_DATA[3:0], UTP_OP_SOC,
UTP_OP_FCO, UTP_IP_FCO,
UTP_OP_DATA[7:0], and UTP_OP_ADDR[3:0].
1ns
1
Note:
1.
Timing was tested with a 70-pF capacitor to ground.
A9578-01
Thold
Tsetup
Clock
Signals
A9579-01
Tclk2out
Tholdout
Clock
Signals



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com