Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GWIXP425BDT Datasheet(PDF) 15 Page - Intel Corporation

Part # GWIXP425BDT
Description  Intel짰 IXP42X Product Line of Network Processors and IXC1100 Control Plane Processor
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

GWIXP425BDT Datasheet(HTML) 15 Page - Intel Corporation

Back Button GWIXP425BDT Datasheet HTML 11Page - Intel Corporation GWIXP425BDT Datasheet HTML 12Page - Intel Corporation GWIXP425BDT Datasheet HTML 13Page - Intel Corporation GWIXP425BDT Datasheet HTML 14Page - Intel Corporation GWIXP425BDT Datasheet HTML 15Page - Intel Corporation GWIXP425BDT Datasheet HTML 16Page - Intel Corporation GWIXP425BDT Datasheet HTML 17Page - Intel Corporation GWIXP425BDT Datasheet HTML 18Page - Intel Corporation GWIXP425BDT Datasheet HTML 19Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 134 page
background image
Intel® IXP42X Product Line of Network Processors and IXC1100 Control Plane Processor
Datasheet
March 2005
Document Number: 252479, Revision: 005
15
2.0
Functional Overview
The Intel® IXP42X Product Line of Network Processors and IXC1100 Control Plane Processor are
compliant with the ARM* Version 5TE instruction-set architecture (ISA). The Intel® IXP42X
product line and IXC1100 control plane processors are designed with Intel 0.18-µ production
semiconductor process technology. This process technology — along with the compactness of the
Intel XScale core, the ability to simultaneously process up to three integrated network processing
engines (NPEs), and numerous dedicated-function peripheral interfaces — enables the IXP42X
product line and IXC1100 control plane processors to operate over a wide range of low-cost
networking applications, with industry-leading performance.
As indicated in Figure 1 through Figure 5, the Intel® IXP42X product line and IXC1100 control
plane processors combine many features with the Intel XScale core to create a highly integrated
processor applicable to LAN/WAN-based networking applications in addition to other embedded
networking applications.
This section briefly describes the main features of the product. For detailed functional descriptions,
see the Intel® IXP42X Product Line of Network Processors and IXC1100 Control Plane Processor
Developer’s Manual.
Figure 1.
Intel® IXP425 Network Processor Block Diagram
B1563-04
UART
921Kbaud
Timers
Interrupt
Controller
USB
Device
V1.1
GPIO
Controller
UART
921Kbaud
PMU
(AHB)
Test Logic
Unit
66.66 MHz Advanced Peripheral Bus
Queue Status Bus
Ethernet
NPE B
Ethernet MAC
SHA-1/MD5,
DES/3DES, AES
Ethernet
NPE A
Ethernet MAC
WAN/Voice NPE
UTOPIA
(Max 24 xDSL PHYs)
AAL, HSS, HDLC
UTOPIA 2
HSS-0
32-Bit
MII-0
MII-1
North/South
AHB Bridge
North AHB
Arbiter
133.32 MHz x 32 bits South Advance High-Performance Bus
South AHB
Arbiter
Queue
Manager
8 KB SRAM
SDRAM
Controller
8 - 256 MB
Intel XScale® Core
266/400/533 MHz
32 KB Data Cache
32 KB Instruction Cache
2 KB Mini-Data Cache
PCI
Controller
Expansion
Bus
Controller
AHB/APB
Bridge
133.32 MHz x 32 bits North Advance High-Performance Bus



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com