Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GWIXP425BDT Datasheet(PDF) 10 Page - Intel Corporation

Part # GWIXP425BDT
Description  Intel짰 IXP42X Product Line of Network Processors and IXC1100 Control Plane Processor
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

GWIXP425BDT Datasheet(HTML) 10 Page - Intel Corporation

Back Button GWIXP425BDT Datasheet HTML 6Page - Intel Corporation GWIXP425BDT Datasheet HTML 7Page - Intel Corporation GWIXP425BDT Datasheet HTML 8Page - Intel Corporation GWIXP425BDT Datasheet HTML 9Page - Intel Corporation GWIXP425BDT Datasheet HTML 10Page - Intel Corporation GWIXP425BDT Datasheet HTML 11Page - Intel Corporation GWIXP425BDT Datasheet HTML 12Page - Intel Corporation GWIXP425BDT Datasheet HTML 13Page - Intel Corporation GWIXP425BDT Datasheet HTML 14Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 134 page
background image
Intel® IXP42X Product Line of Network Processors and IXC1100 Control Plane Processor
March 2005
Datasheet
10
Document Number: 252479, Revision: 005
DDR
Double Data Rate
DES
Data-Encryption Standard
DMA
Direct Memory Access
DSP
Digital Signal Processor
E1
Euro 1 trunk line
FIFO
First In First Out
GCI
General Circuit Interface
GPIO
General-purpose input/output
HDLC
High-level Data Link Control
HPI
(Texas Instruments*) Host Port Interfaces
HSS
High-Speed Serial (port)
LSb
Least-Significant bit
LSB
Least-Significant Byte
MAC
Media Access Controller
MDIO
Management Data Input/Output
MII
Media-Independent Interface
MMU
Memory Management Unit
MSb
Most-Significant bit
MSB
Most-Significant Byte
NPE
Network Processor Engine
PCI
Peripheral Component Interconnect
PHY
Physical Layer (Layer 1) Interface
Reserved
A field that may be used by an implementation. Software should not modify reserved fields
or depend on any values in reserved fields.
RX
Receive (HSS is receiving from off-chip)
SRAM
Static Random Access Memory
SDRAM
Synchronous Dynamic Random Access Memory
T1
Type 1 trunk line
TX
Transmit (HSS is transmitting off-chip)
UART
Universal Asynchronous Receiver-Transmitter
USB
Universal Serial Bus
UTOPIA
Universal Test and Operations PHY Interface for ATM
WAN
Wide Area Network
Table 2.
Terminology and Acronyms (Continued)
Acronym/
Terminology
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com