Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GWIXP425BDT Datasheet(PDF) 106 Page - Intel Corporation

Part # GWIXP425BDT
Description  Intel짰 IXP42X Product Line of Network Processors and IXC1100 Control Plane Processor
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

GWIXP425BDT Datasheet(HTML) 106 Page - Intel Corporation

Back Button GWIXP425BDT Datasheet HTML 102Page - Intel Corporation GWIXP425BDT Datasheet HTML 103Page - Intel Corporation GWIXP425BDT Datasheet HTML 104Page - Intel Corporation GWIXP425BDT Datasheet HTML 105Page - Intel Corporation GWIXP425BDT Datasheet HTML 106Page - Intel Corporation GWIXP425BDT Datasheet HTML 107Page - Intel Corporation GWIXP425BDT Datasheet HTML 108Page - Intel Corporation GWIXP425BDT Datasheet HTML 109Page - Intel Corporation GWIXP425BDT Datasheet HTML 110Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 106 / 134 page
background image
Intel® IXP42X Product Line of Network Processors and IXC1100 Control Plane Processor
March 2005
Datasheet
106
Document Number: 252479, Revision: 005
Table 55.
Intel Simplex Mode Values
Symbol
Parameter
Min.
Max.
Units
Notes
Taddr2valcs
Valid address to valid chip select
1
4
Cycles
1, 2, 7
Tdval2valwrt
Write data valid prior to EX_WR_N falling edge
1
4
Cycles
3, 7
Twrpulse
Pulse width of the EX_WR_N
1
16
Cycles
4, 7
Tdholdafterwr
Valid data after the rising edge of EX_WR_N
1
4
Cycles
5, 7
Trdsetup
Data valid required before the rising edge of EX_RD_N
15
ns
Trdhold
Data hold required after the rising edge of EX_RD_N
0
ns
Trecov
Time required between successive accesses on the
expansion interface.
1
16
Cycles
6
Notes:
1.
EX_ALE is not valid in simplex mode of operation.
2.
Setting the address phase parameter (T1) will adjust the duration that the address appears to the
external device.
3.
Setting the data setup phase parameter (T2) will adjust the duration that the data appears prior to a
data strobe (read or write) to an external device.
4.
Setting the data strobe phase parameter (T3) will adjust the duration that the data strobe appears
(read or write) to an external device. Data will be available during this time as well.
5.
Setting the data hold strobe phase parameter (T4) will adjust the duration that the chip selects,
address, and data (during a write) will be held.
6.
Setting the recovery phase parameter (T5) will adjust the duration between successive accesses on
the expansion interface.
7.
One cycle is the period of the Expansion Bus clock.
8.
Clock to output delay for all signals will be a maximum of 15 ns for devices requiring operation in
synchronous mode.
9.
Timing tests were performed with a 70-pF capacitor to ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com