Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLOS Datasheet(PDF) 1 Page - Greystone Energy Systems Inc.

Part # TLOS
Description  OUTSIDE LOW LIMIT THERMOSTAT
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GREYSTONE [Greystone Energy Systems Inc.]
Direct Link  http://greystoneenergy.com/
Logo GREYSTONE - Greystone Energy Systems Inc.

TLOS Datasheet(HTML) 1 Page - Greystone Energy Systems Inc.

  TLOS Datasheet HTML 1Page - Greystone Energy Systems Inc. TLOS Datasheet HTML 2Page - Greystone Energy Systems Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
GREYSTONE HAS AN ISO 9001 REGISTERED QUALITY SYSTEM
OUTSIDE LOW LIMIT THERMOSTAT
TLOS SERIES
PRODUCT DESCRIPTION
The single point outside air low limit thermostat
incorporates a precision thermistor temperature
sensor and provides a Form C relay output (NO/NC)
with an adjustable setpoint. All probes are
constructed to provide excellent heat transfer,
fast response and are potted to resist moisture
penetration. A hinged and gasketed weatherproof
Polycarbonate enclosure is included for ease of
installation.
TYPICAL INSTALLATION
For complete installation and wiring details,
please refer to the product installation
instructions.
The outside temperature transmitter should be
mounted on an outside North facing wall, under
the eaves which will provide protection from
direct sunlight.
The outside temperature sensor can be mounted
directly to building’s wall face using the provided
mounting holes. There is one 0.85” hole for
conduit connection.
POWER SUPPLY
12 to 28 Vac/dc
SENSOR ACCURACY
±0.2°C, 0 to 70°C (±0.36°F, 32 to 158°F)
PROBE SENSING RANGE
-10 to 50°C (14 to 122°F)
PROBE MATERIAL
Machined aluminum
WIRE MATERIAL
PVC insulated, parallel bonded
CONSUMPTION
50 mA max
RELAY CONTACTS
SPDT, Form C contacts (N.O. and N.C.)
5 Amps @ 30 Vdc/250 Vac resistive
1.5 Amps @ 30 Vdc/250 vac inductive
RELAY ACTION
Activates on temperature fall
SETPOINT OPERATION
Single-turn knob-pot on PCB
ADJUSTABLE SETPOINT
-4 to 10°C (25 to 50°F)
TEMPERATURE DIFFERENTIAL
Low: 1.1°C (2°F) Mid: 2.8°C (5°F) High: 5.6°C (10°F)
Jumper selectable
TEMPERATURE SENSOR
10,000Ω curve matched precision thermistor
AMBIENT OPERATING RANGE
-10 to 50°C (14 to 122°F), 5 to 95 %RH, non-condensing
STORAGE CONDITIONS
-30 to 70°C (-22 to 158°F), 5 to 95 %RH, non-condensing
WIRING CONNECTIONS
Screw terminal block (14 to 22 AWG)
ENCLOSURE
B: Grey polycarbonate UL94-V0, IP65 (NEMA 4X)
F: Same as B, with thread adapter (1/2” NPT to M16) and cable gland fitting
COUNTRY OF ORIGIN
Canada
SPECIFICATIONS
CABLE GLAND FITTING
THREAD ADAPTER 1/2” NPT TO M16
ACCESSORIES - INCLUDED WITH F ENCLOSURE OPTION
North
OSA Temperature
Sensor
99.7 mm
3.96"
116.8 mm
4.6"
112.5 mm
4.43"
53.98 mm
2.125"
1/2” NPT


Similar Part No. - TLOS

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLO1002 TOSHIBA-TLO1002 Datasheet
637Kb / 16P
TOSHIBA LED LAMP
TLO123 TOSHIBA-TLO123 Datasheet
416Kb / 4P
TOSHIBA LED LAMP
1996-09-20
TLO124 TOSHIBA-TLO124 Datasheet
416Kb / 4P
TOSHIBA LED LAMP
1996-09-20
TLO163 TOSHIBA-TLO163 Datasheet
250Kb / 5P
HIGH PANEL CIRCUIT INDICATOR
1996-09-20
TLO164 TOSHIBA-TLO164 Datasheet
250Kb / 5P
HIGH PANEL CIRCUIT INDICATOR
1996-09-20
More results

Similar Description - TLOS

ManufacturerPart #DatasheetDescription
logo
Greystone Energy System...
THGL GREYSTONE-THGL Datasheet
253Kb / 2P
GLASS HIGH LIMIT THERMOSTAT
THOB GREYSTONE-THOB Datasheet
214Kb / 2P
OUTSIDE HIGH LIMIT THERMOSTAT
THOS GREYSTONE-THOS Datasheet
251Kb / 2P
OUTSIDE HIGH LIMIT THERMOSTAT
TLDC GREYSTONE-TLDC Datasheet
397Kb / 2P
FLEXIBLE COPPER DUCT AVERAGE LOW LIMIT THERMOSTAT
TLDR GREYSTONE-TLDR Datasheet
277Kb / 2P
RIGID DUCT AVERAGE LOW LIMIT THERMOSTAT
TLFL GREYSTONE-TLFL Datasheet
268Kb / 2P
FLYING LEAD LOW LIMIT THERMOSTAT
TLGL GREYSTONE-TLGL Datasheet
253Kb / 2P
GLASS LOW LIMIT THERMOSTAT
TLOB GREYSTONE-TLOB Datasheet
210Kb / 2P
OUTSIDE LOW LIMIT THERMOSTAT
TLRP GREYSTONE-TLRP Datasheet
269Kb / 2P
REMOTE PROBE STRAP-ON LOW LIMIT THERMOSTAT
TLSO GREYSTONE-TLSO Datasheet
287Kb / 2P
STRAP-ON LOW LIMIT THERMOSTAT
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com